Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF3750 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF3750
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3750 Datasheet(HTML) 1 Page - Texas Instruments

  TRF3750 Datasheet HTML 1Page - Texas Instruments TRF3750 Datasheet HTML 2Page - Texas Instruments TRF3750 Datasheet HTML 3Page - Texas Instruments TRF3750 Datasheet HTML 4Page - Texas Instruments TRF3750 Datasheet HTML 5Page - Texas Instruments TRF3750 Datasheet HTML 6Page - Texas Instruments TRF3750 Datasheet HTML 7Page - Texas Instruments TRF3750 Datasheet HTML 8Page - Texas Instruments TRF3750 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TRF3750
SLWS146A − MARCH 2004 − REVISED NOVEMBER 2004
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
FEATURES
D Single Device Covers Frequencies Up to
2.4 GHz
D Dual Supply Range: 3 V − 3.6 V and
4.5 V − 5.5 V
D Separate Charge Pump Supply (VCP) Up
to 8 V
D Simple 3-Wire Serial Interface Allows for Fully
Programmable:
− A, B, and R Counters
− Dual Modulus Prescaler [8/9, 16/17, 32/33,
and 64/65]
− Charge Pump Current
D Lock Detect Output (Digital and Analog)
D Versatile Hardware and Software Power Down
D Packaged in a 16-Pin TSSOP Thin Quad
FlatPack and a 20-Pin 4 x 4 mm QFN Package
APPLICATIONS
D Wireless Infrastructure
− GSM, IS136, EDGE/UWC−136
− IS95, UMTS, CDMA2000
D Portable Wireless Communications
D Wireless LAN
D Wireless Transceivers
D Communication Test Equipment
DESCRIPTION
The TRF3750 frequency synthesizer is ideal for designing
the local os cillator portion of wireless transceivers by
providing complete programmability and ultra-low phase
noise. The device features a user-selectable dual-
modulus prescaler, a 14-bit reference (R) divider, a 6-bit A,
and a 13-bit B counter. The R divider allows the user to
select the frequency of choice for the phase-frequency
detector (PFD) circuit, and with the use of the counters
implement an N divider of value N = A + P x B. With an
extended charge-pump supply (VCP) of up to 8 V, a wide
variety of external VCOs can be used to complete the
phase-locked loop. Ultra-low phase noise and reference
spur performance make the TRF3750 ideal for generating
the local oscillator in the most demanding wireless
applications.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RSET
CPOUT
CPGND
AGND
RFIN
RFIN
AVDD
REFIN
VCP
DVDD
MUXOUT
LE
DATA
CLOCK
CE
DGND
PW PACKAGE
(TOP VIEW)
MUXOUT
RGP PACKAGE
(TOP VIEW)
CPGND
1
2
3
4
5
15
14
13
12
11
6
7
8910
20 19 18 17 16
LE
DATA
CLOCK
CE
RFIN
RFIN
AGND
AGND
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright  2004, Texas Instruments Incorporated


Similar Part No. - TRF3750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3750 TI1-TRF3750 Datasheet
981Kb / 39P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750 Datasheet
1Mb / 38P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPW TI1-TRF3750IPW Datasheet
1Mb / 38P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPWG4 TI1-TRF3750IPWG4 Datasheet
1Mb / 38P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPWR TI1-TRF3750IPWR Datasheet
1Mb / 38P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
More results

Similar Description - TRF3750

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
Asahi Kasei Microsystem...
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
1300MHz Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com