Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032C Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9032C
Description  Calling Line Identification Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032C Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9032C_16 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032C_16 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
A.C. Characteristics
- FSK Detection
VSS=0V, Crystal=3.58MHz, Ta=0 to 70
°C, 0dBm=0.7746Vrms @ 600W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Input Sensitivity: TIP, RING
5V
-40
-45
¾
dBm
S/N
Signal to Noise Ratio
5V
¾
20
¾
dB
Band Pass Filter
60Hz
550Hz
2700Hz
3300Hz
5V
Frequency Response
Relative to 1700Hz @ 0dBm
¾
-64
-4
-3
-34
¾
dB
Carrier Detect Sensitivity
5V
¾-48
¾
dBm
tDOSC
Oscillator Start Up Time
5V
¾¾
2
¾
ms
tSUPD
Power Up to FSK Signal Set Up Time
5V
¾
15
¾¾
ms
tDAQ
Carrier Detect Acquisition Time
5V
¾¾
14
¾
ms
tDCH
End of Data to Carrier Detect High
5V
¾
8
¾¾
ms
HT9032C/HT9032D
Rev. 1.50
4
December 20, 2016
R i n g S i g n a l
R T I M E
R D E T
P D W N
C D E T
D O U T
X 1
0 1 0 1 0 1 . .
D A T A
2 S e c
3 . 5 8 M H z
R a w D A T A
t D O S C
t D A Q
t S U P D
t D C H
D O U T C
C o o k e d D A T A
1
0 . 5 S e c
0 . 5 S e c



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com