Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM104W Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM104W
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM104W Datasheet(HTML) 1 Page - STMicroelectronics

  TSM104W Datasheet HTML 1Page - STMicroelectronics TSM104W Datasheet HTML 2Page - STMicroelectronics TSM104W Datasheet HTML 3Page - STMicroelectronics TSM104W Datasheet HTML 4Page - STMicroelectronics TSM104W Datasheet HTML 5Page - STMicroelectronics TSM104W Datasheet HTML 6Page - STMicroelectronics TSM104W Datasheet HTML 7Page - STMicroelectronics TSM104W Datasheet HTML 8Page - STMicroelectronics TSM104W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
OPERATIONAL AMPLIFIERS
s LOW SUPPLY CURRENT : 375
µA/op.
(@ VCC = 5V)
s LOW INPUT BIAS CURRENT : 20nA
s MEDIUM SPEED : 0.9MHz
s LOW INPUT OFFSET VOLTAGE : 0.5mV typ
for TSM104WA
s WIDE POWER SUPPLY RANGE : ±1.5V to
±15V
s 2kV ESD PROTECTION
VOLTAGE REFERENCE
s ADJUSTABLE OUTPUT VOLTAGE :
Vref to 36V
s 0.4% AND 1% VOLTAGE PRECISION
s SINK CURRENT CAPABILITY : 1 to 100mA
s TYPICAL OUTPUT IMPEDANCE : 0.2
DESCRIPTION
The TSM104W is a monolithic IC that includes
four op-amps and an adjustable shunt voltage ref-
erence. This device is offering space and cost
saving in many applications like power supply
management or data acquisition systems.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number Temperature Range
Package
ND
TSM104WI/AI
-40°C, +105°C
••
N
DIP16
(Plastic Package)
D
SO16
(Plastic Micropackage)
1
2
3
4
13
14
15
16
5
6
7
8
12
11
10
9
Output 1
Inverting Input 1
Non-inverting Input 1
V
CC+
Non-inverting Input 2
Inverting Input 2
Output 2
Adjust
Output 4
Inverting Input
Non-inverting Input 4
Non-inverting Input 3
Inverting Input 3
Output 3
Cathode
V
CC-
TSM104W/A
QUAD OPERATIONAL AMPLIFIER AND
PROGRAMMABLE VOLTAGE REFERENCE
January 2003


Similar Part No. - TSM104W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W TI1-TSM104W Datasheet
598Kb / 15P
QUAD OPERATIONAL AMPLIFIER
TSM104W TI2-TSM104W Datasheet
402Kb / 16P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
REVISED AUGUST 2006
logo
STMicroelectronics
TSM104W-A STMICROELECTRONICS-TSM104W-A Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
TSM104WA TI1-TSM104WA Datasheet
598Kb / 15P
QUAD OPERATIONAL AMPLIFIER
More results

Similar Description - TSM104W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
Quad Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Feb-1999
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104_03 Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604-A UTC-UM604-A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM104A FCI-FTSM104A Datasheet
1Mb / 9P
Quad Operational Amplifier and Programmable Voltage Reference
logo
Unisonic Technologies
UM604A UTC-UM604A_17 Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com