Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5E025AS-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND5E025AS-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E025AS-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND5E025AS-E Datasheet HTML 17Page - STMicroelectronics VND5E025AS-E Datasheet HTML 18Page - STMicroelectronics VND5E025AS-E Datasheet HTML 19Page - STMicroelectronics VND5E025AS-E Datasheet HTML 20Page - STMicroelectronics VND5E025AS-E Datasheet HTML 21Page - STMicroelectronics VND5E025AS-E Datasheet HTML 22Page - STMicroelectronics VND5E025AS-E Datasheet HTML 23Page - STMicroelectronics VND5E025AS-E Datasheet HTML 24Page - STMicroelectronics VND5E025AS-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VND5E025AS-E
Electrical specifications
Doc ID 022490 Rev 6
21/37
2.5
Electrical characteristics curves
Figure 17.
Off-state output current
Figure 18.
High level input current
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
Iloff (nA)
Off State
Vcc=13V
Vin=Vout=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
Iih (µA)
Vin = 2.1V
VCC = 8 V
Figure 19.
Input clamp voltage
Figure 20.
Input high level voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
5
5,2
5,4
5,6
5,8
6
6,2
6,4
6,6
6,8
7
Vicl (V)
lin=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0,5
1
1,5
2
2,5
3
3,5
4
Vih (V)
Figure 21.
Input low level voltage
Figure 22.
Input hysteresis voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
2
Vil (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
Vihyst (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com