Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5696 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5696
Description  27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5696 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5696 Datasheet HTML 1Page - Texas Instruments UCC5696 Datasheet HTML 2Page - Texas Instruments UCC5696 Datasheet HTML 3Page - Texas Instruments UCC5696 Datasheet HTML 4Page - Texas Instruments UCC5696 Datasheet HTML 5Page - Texas Instruments UCC5696 Datasheet HTML 6Page - Texas Instruments UCC5696 Datasheet HTML 7Page - Texas Instruments UCC5696 Datasheet HTML 8Page - Texas Instruments UCC5696 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UCC5696
SLVS406B – JUNE 2002 – REVISED JUNE 2003
27LINE LVD ONLY SCSI TERMINATOR FOR SPI5
1
www.ti.com
FEATURES
D Meets Ultra2 (SPI-2 LVD SCSI), Ultra3, Ultra
160 (SPI-3), Ultra320 (SPI-4), and Ultra640
(SPI-5) Standards
D 2.7-V to 5.25-V Termpwr Operation
D Differential Fail-Safe Bias
D I2C Bus Adjustable Impedance and
Differential Bias Current
D 80-Pin Low Profile Quad Flat Pack Package
(QFP)
APPLICATION DIAGRAM
DESCRIPTION
The UCC5696 is a 27-line LVD only SCSI
programmable terminator. The nominal settings
on power up are compliant to SPI-2 through SPI-4.
The programmable settings are used for SPI-5.
The UCC5696 uses the I2C to program the
differential impedance and the differential bias
current.
The
differential
impedance
is
programmed in 5-
Ω increments from 55 Ω to
130
Ω using 4 bits (16 steps). The differential bias
current is programmed in 50
µA from 0.7 mA to
1.45 mA using 4 bits (16 steps). The UCC5696
has the SPI-3 mode change delay, the typical
value is 200 ms.
UDG–01093
REG
TERMPWR
ICAD0
Termpower
7
49
15
10
DIFSENS
CONTROL LINES (9)
1
2
30
29
L1+
L1–
L9+
L9–
DATA (9)
LOW BYTE 0–7
+ PARITY LINES
32
31
61
62
L10+
L10–
L18+
L18–
63
64
79
80
L19+
L19–
L27+
L27–
52
DISCNCT
ICBD
50
4.7
µF
UCC5696
4.7
µ F
DATA (9)
HIGH BYTE 8–15
+ PARITY LINES
TERMPWR
REG
15
10
7
DIFSENS
1
2
30
29
L1+
L1–
L9+
L9–
32
31
61
62
L10+
L10–
L18+
L18–
Termpower
63
64
79
80
L19+
L19–
L27+
L27–
52
UCC5696
4.7
µ F
4.7
µF
ICBC
51
16
DIFFB
16
DIFFB
ICAD6
43
49
50
51
43
ICAD0
ICBD
ICBC
ICAD6
I2 CBUS
I2 CBUS
DISCNCT
54
54
8
PVDD
8
PVDD
GND
GND
I2 C Address
20 k
Ω
20 k
Ω
0.1
µF
0.1
µF
I2 C Address
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC5696

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5606 TI1-UCC5606 Datasheet
1Mb / 14P
9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5606DP TI1-UCC5606DP Datasheet
1Mb / 14P
9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5606DPTR TI1-UCC5606DPTR Datasheet
1Mb / 14P
9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5606DPTRG4 TI1-UCC5606DPTRG4 Datasheet
1Mb / 14P
9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
More results

Similar Description - UCC5696

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
27-Line SCSI Terminator
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
logo
Microsemi Corporation
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
LVD SCSI 27-Line Regulator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
UCC5620 TI1-UCC5620_09 Datasheet
392Kb / 9P
27-Line SCSI Terminator
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com