Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 45Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 46Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 47Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 48Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 49Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 50Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 51Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 52Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 49 of 98
Jan 13, 2016
RX23T Group
5. Electrical Characteristics
Figure 5.5
VOH/VOL and IOH/IOL Temperature Characteristics at VCC = 2.7 V when Normal Output is Selected
(Reference Data)
Figure 5.6
VOH/VOL and IOH/IOL Temperature Characteristics at VCC = 5.0 V when Normal Output is Selected
(Reference Data)
IOH/IOL vs VOH/VOL
20
15
5
0
-5
-15
-20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Ta = 25°C
Ta = 105°C
VOH/VOL[V]
10
-10
Ta = 25°C
Ta =
-40°C
Ta = 105°C
Ta = -40°C
IOH/IOL vs VOH/VOL
60
40
20
0
-20
-40
-60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VOH/VOL[V]
Ta = 25°C
Ta = 105°C
Ta = 25°C
Ta = -40°C
Ta = 105°C
Ta = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com