Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56514FDFB Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F56514FDFB
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFB Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F56514FDFB Datasheet HTML 67Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 68Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 69Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 70Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 71Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 72Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 73Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 74Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 71 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 8345h
RIIC2
I2C-Bus Function Enable Register
ICFER
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8346h
RIIC2
I2C-Bus Status Enable Register
ICSER
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8347h
RIIC2
I2C-Bus Interrupt Enable Register
ICIER
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8348h
RIIC2
I2C-Bus Status Register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8349h
RIIC2
I2C-Bus Status Register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 834Ah
RIIC2
Slave Address Register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 834Bh
RIIC2
Slave Address Register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 834Ch
RIIC2
Slave Address Register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 834Dh
RIIC2
Slave Address Register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 834Eh
RIIC2
Slave Address Register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 834Fh
RIIC2
Slave Address Register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8350h
RIIC2
I2C-Bus Bit Rate Low-Level Register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8351h
RIIC2
I2C-Bus Bit Rate High-Level Register
ICBRH
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8352h
RIIC2
I2C-Bus Transmit Data Register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8353h
RIIC2
I2C-Bus Receive Data Register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8500h
MMCIF
Command Setting Register
CECMDSET
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8508h
MMCIF
Argument Register
CEARG
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 850Ch
MMCIF
Automatically Issued CMD12 Argument Register
CEARGCMD
12
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8510h
MMCIF
Command Control Register
CECMDCTRL
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8514h
MMCIF
Transfer Block Setting Register
CEBLOCKSE
T
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8518h
MMCIF
Clock Control Register
CECLKCTRL
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 851Ch
MMCIF
Buffer Access Setting Register
CEBUFACC
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8520h
MMCIF
Response Register 3
CERESP3
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8524h
MMCIF
Response Register 2
CERESP2
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8528h
MMCIF
Response Register 1
CERESP1
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 852Ch
MMCIF
Response Register 0
CERESP0
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8530h
MMCIF
Automatically Issued CMD12 Response Register
CERESPCM
D12
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8534h
MMCIF
Data Register
CEDATA
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 853Ch
MMCIF
Boot Operation Setting Register
CEBOOT
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8540h
MMCIF
Interrupt status Flag Register
CEINT
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8544h
MMCIF
Interrupt request Enable Register
CEINTEN
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8548h
MMCIF
Status Register 1
CEHOSTSTS
1
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 854Ch
MMCIF
Status Register 2
CEHOSTSTS
2
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8570h
MMCIF
MMC Detection and Port Control Register
CEDETECT
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 8574h
MMCIF
Special Mode Setting Register
CEADDMOD
E
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 857Ch
MMCIF
Version Register
CEVERSION
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 9000h
S12AD
A/D Control Register
ADCSR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9004h
S12AD
A/D Channel Select Register A0
ADANSA0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9008h
S12AD
A/D-Converted Value Addition/Average Function
Select Register 0
ADADS0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 900Ch
S12AD
A/D-Converted Value Addition/Average Count Select
Register
ADADC
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 900Eh
S12AD
A/D Control Extended Register
ADCER
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9010h
S12AD
A/D Conversion Start Trigger Select Register
ADSTRGR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
Table 4.1
List of I/O Registers (Address Order) (17 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com