Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFB Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 47Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 48Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 49Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 50Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 51Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 52Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 53Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 54Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 51 of 190
Aug 24, 2016
RX65N Group, RX651 Group
3. Address Space
3.
Address Space
3.1
Address Space
This MCU has a 4-Gbyte address space, consisting of the range of addresses from 0000 0000h to FFFF FFFFh. That is,
linear access to an address space of up to 4 Gbytes is possible, and this contains both program and data areas.
Figure 3.1 shows the memory maps in the respective operating modes. Accessible areas will differ according to the
operating mode and states of control bits.
Figure 3.1
Memory Map in Each Operating Mode
Reserved area*
2
On-chip ROM (write only)
Reserved area*
2
Reserved area*
2
Peripheral I/O registers
On-chip RAM
0004 0000h
Reserved area*
2
Peripheral I/O registers
Peripheral I/O registers
Reserved area*
2
Reserved area*
2
Peripheral I/O registers
Reserved area*
2
Reserved area*
2
Peripheral I/O registers
Reserved area*
2
On-chip RAM
0004 0000h
Reserved area*
2
On-chip ROM (program ROM)
(read only)*
3, *4
External address space
(CS area)
0000 0000h
0008 0000h
FFFF FFFFh
On-chip RAM
On-chip ROM (program ROM)
(read only)*
3, *4
0010 0000h
FFF0 0000h
0000 0000h
0008 0000h
0010 0000h
0800 0000h
1000 0000h
External address space
(SDRAM area)
FFFF FFFFh
FFF0 0000h
On-chip ROM (option-setting memory)
Reserved area*
2
On-chip ROM (read only)
Reserved area*
2
007F E000h
0080 0000h
007F E000h
0080 0000h
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
0004 0000h
Reserved area*
2
On-chip ROM (option-setting memory)
Reserved area*
2
On-chip ROM (read only)
Reserved area*
2
On-chip ROM (write only)
FE7F 5D00h
FE7F 5D80h
FE7F 7D70h
FE7F 7DA0h
FE7F 5D00h
FE7F 5D80h
FE7F 7D70h
FE7F 7DA0h
0100 0000h
007F 0000h
007E 0000h
Reserved area*
2
External address space
(CS area)
External address space
(CS area)
Single-chip mode*
1
On-chip ROM enabled
extended mode
0000 0000h
0008 0000h
FFFF FFFFh
On-chip ROM disabled
extended mode
0010 0000h
0100 0000h
0800 0000h
FF00 0000h
External address space
(SDRAM area)
1000 0000h
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
007F 0000h
007E 0000h
Note 1. The address space in boot mode and USB boot mode is the same as the address space in single-chip mode.
Note 2. Reserved areas should not be accessed.
Note 3. The access cycle of the internal ROM area (program ROM) is 1 cycle, 2 cycles, and 3 cycles while the ROMWT[1:0] bits
are 00b, 01b, and 10b respectively.
Note 4. The capacity of ROM differs depending on the products.
Code Flash
Memory Capacity
Address
1 Mbyte
FFF0 0000h to FFFF FFFFh
768 Kbytes
FFF4 0000h to FFFF FFFFh
512 Kbytes
FFF8 0000h to FFFF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com