Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 30Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 31Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 33Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 34Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 35Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 36Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 37Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 34 of 190
Aug 24, 2016
Table 1.6
List of Pin and Pin Functions (144-Pin LFQFP) (1/6)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
Interrupt
S12AD,
R12DA
144-Pin
LFQFP
(MTU, TPU, TMR,
PPG, RTC, CMTW,
POE, CAC)
(ETHERC, SCIg,
SCIh, SCIi, RSPI,
RIIC, CAN, USB)
(QSPI, SDHI,
SDSI, MMCIF,
PDC)
1
AVSS0
2P05
IRQ13
DA1
3
AVCC1
4P03
IRQ11
DA0
5
AVSS1
6
P02
TMCI1
SCK6
IRQ10
AN120
7
P01
TMCI0
RXD6/SMISO6/SSCL6
IRQ9
AN119
8
P00
TMRI0
TXD6/SMOSI6/SSDA6
IRQ8
AN118
9PF5
IRQ4
10
EMLE
11
PJ5
POE8#
CTS2#/RTS2#/SS2#
12
VSS
13
PJ3
EDACK1
MTIOC3C
ET0_EXOUT/
CTS6#/RTS6#/
CTS0#/RTS0#/
SS6#/SS0#
14
VCL
15
VBATT
16
MD/FINED
17
XCIN
18
XCOUT
19
RES#
20
XTAL
P37
21
VSS
22
EXTAL
P36
23
VCC
24
UPSEL
P35
NMI
25
TRST#
P34
MTIOC0A/TMCI3/
PO12/POE10#
SCK6/SCK0/
ET0_LINKSTA
IRQ4
26
P33
EDREQ1
MTIOC0D/TIOCD0/
TMRI3/PO11/
POE4#/POE11
RXD6/RXD0/
SMISO6/SMISO0/
SSCL6/SSCL0/
CRX0
PCKO
IRQ3-DS
27
P32
MTIOC0C/TIOCC0/
TMO3/PO10/
RTCOUT/RTCIC2/
POE0#/POE10#
TXD6/TXD0/
SMOSI6/SMOSI0/
SSDA6/SSDA0/
CTX0/
USB0_VBUSEN
VSYNC
IRQ2-DS
28
TMS
P31
MTIOC4D/TMCI2/
PO9/RTCIC1
CTS1#/RTS1#/
SS1#/SSLB0-A
IRQ1-DS
29
TDI
P30
MTIOC4B/TMRI3/
PO8/RTCIC0/
POE8#
RXD1/SMISO1/
SSCL1/MISOB-A
IRQ0-DS
30
TCK
P27
CS7#
MTIOC2B/TMCI3/PO7
SCK1/RSPCKB-A
31
TDO
P26
CS6#
MTIOC2A/TMO1/
PO6
TXD1/CTS3#/
RTS3#/SMOSI1/
SS3#/SSDA1/
MOSIB-A
32
P25
CS5#/
EDACK1
MTIOC4C/MTCLKB/
TIOCA4/PO5
RXD3/SMISO3/
SSCL3
HSYNC
ADTRG0#
33
P24
CS4#/
EDREQ1
MTIOC4A/MTCLKA/
TIOCB4/TMRI1/PO4
SCK3/
USB0_VBUSEN
PIXCLK
34
P23
EDACK0
MTIOC3D/MTCLKD/
TIOCD3/PO3
TXD3/CTS0#/
RTS0#/SMOSI3/
SS0#/SSDA3
PIXD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com