Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705SEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/V
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
47
Figure 23 Control of ADC Conversions : Continuous Method
DELAY FUNCTION
In order to allow time for the plates to charge to a steady voltage when the screen drive switches
are closed, a programmable delay may be applied which delays the sampling of the appropriate
plate voltage by the ADC. This delay is at least one frame (1/48kHz) in duration, but may be
increased by writing a value to the DEL[3-0] bits in register 76h. These set delays as follows:
DEL[3-0]
DELAY
(FRAMES)
DELAY
(uS)
DEL[3-0]
DELAY
(FRAMES)
DELAY
(uS)
0
1
20.8
8
96
1666
1
2
41.7
9
128
2000
2
4
83.3
10
160
2333
3
8
166.7
11
192
2666
4
16
333.3
12
224
3000
5
32
666.7
13
256
3333
6
48
1000
14
288
3666
7
64
1333
15
infinite
infinite
Table 27 Programmable Screen Drive Delay
Note that code 15 is used as a special mode, where the plates are driven permanently on, the
switch matrix setting controlled by the value selected by ADR[2-0]. Thus the plates may be
permanently set to drive X screen, Y screen, pressure configuration, or the auxiliary input channel
permanently connected to the ADC input. For further information please see the section on
Auxiliary Conversions.
Different types of continuous conversion with delay set to 0 (1 frames)
CTC = 1, CC=11, Coord = 0, ADR = 001 ( 0x76 = 0x1700 ) = X Measurement every 64 AC Link Frames
DELAY
CONVERT
Conversion 1 result available
DELAY
CONVERT
Conversion 2 result available
Conversion 1
Conversion 2
64 Frames
CTC = 1, CC=00, Coord = 1, ADR = 000 ( 0x76 = 0x0C00 ) = X and Y Measurement every 512 AC Link Frames
DELAY
CONVERT
Conversion 1 - X
result available
DELAY
CONVERT
Conversion 1
Conversion 2
512 Frames
CONVERT
DELAY
CONVERT
DELAY
Conversion 2 - X
result available
Conversion 2 - Y
result available
CTC = 1, CC=01, Coord = 1, ADR = 100 ( 0x76 = 0x4C01 ) = X, Y and BMON Measurement every 256 AC Link Frames
DELAY
CONVERT
Conversion 1
256 Frames
CONVERT
DELAY
CONVERT
DELAY
Conversion 1 - Y
result available
Conversion 2 - X
result available
DELAY
CONVERT
Conversion 1
256 Frames
CONVERT
DELAY
CONVERT
DELAY
Conversion 2 - Y
result available
Conversion 2 - BMON
result available
Conversion 1 - BMON
result available
SYNC
ADC Mode
Pen Data
ADC Mode
SYNC
Pen Data
ADC Mode
Pen Data
SYNC
Conversion 1 - Y
result available
Conversion 1 - X
result available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com