Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705SEFL/RV Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/RV Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
39
SERIAL INTERFACE REGISTER MAP
The following table shows the function and address of the various control bits that are loaded and
read through the serial interface.
Reg Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6150h
02h
Master volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
04h
HPHONE volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
06h
Master volume
mono
Mute
X
X
X
X
X
X
X
X
X
X
MM4
MM3
MM2
MM1
MM0
8000h
0Ah
PCBEEP volume
Mute
X
X
X
X
X
X
X
X
X
X
PV3
PV2
PV2
PV0
X
8000h
0Ch
Phone volume
Mute
X
X
X
X
X
X
X
X
X
X
GN4
GN3
GN2
GN1
GN0
8008h
0Eh
Mic volume
Mute
X
X
X
X
X
X
X
X
20dB
X
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line in volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
14h
Video volume
Mute
X
X
0
1
0
0
0
X
X
X
0
1
0
0
0
8808h
16h
Aux volume
Mute
X
X
0
1
0
0
0
X
X
X
0
1
0
0
0
8808h
18h
PCM out volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Rec select
X
X
X
X
X
SL2
SL1
SL0
X
X
X
X
X
SR2
SR1
SR0
0000h
1Ch
Rec gain
Mute
X
X
X
GL3
GL2
GL1
GL0
X
X
X
X
GR3
GR2
GR1
GR0
8000h
20h
General purpose
POP
X
3D
X
X
X
MIX
MS
LPBK
X
X
X
X
X
X
X
0000h
22h
3D control
X
X
X
X
X
X
X
X
X
X
X
X
DP3
DP2
DP1
DP0
0000h
26h
Power/down
control status
APD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
000Fh
28h
Ext’d audio ID
ID1
ID0
X
X
REV1 REV0 AMAP LDAC SDAC CDAC DSA1
DSA0
VRM
SPDIF DRA
VRA
0605h
2Ah
Ext’d audio
stat/ctrl
X
X
X
X
X
SPCV
X
X
X
X
SPSA1 SPSA0
X
SPDIF
X
VRA
0000h
2Ch
Audio DAC rate
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
32h
Audio ADC rate
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
3Ah
SPDIF control
V
0
1
0
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
UDIB
PRO
2000h
5Ah
Mixer Path Mute
0
0
0
0
0
0
0
0
0
0
0
MPM
0
0
0
0
0000h
5Ch
Add. Function
control
AMUTE HSCP
PUEN MHPZ
PSEL HSEN HSDT HPND AMEN
I2S
ADCN
DAC
ADCO
HPF
HS
CMP
ASS1
ASS0
0000h
72h
Front mixer
volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
0808h
74h
Add. Function
X
X
X
X
X
X
X
X
X
X
X
X
HPB
I2S64
X
MONOEN
0000h
76h
Digitizer control
POLL
ADR2
ADR1
ADR0
COO
CTC
CR1
CR0
DEL3 DEL2
DEL1
DEL0
SLEN
SLT2 SLT1
SLT0
0006h
78h
Digitizer control
PRP1
PRP0
RPR
PDEN
PINV
BSEN BINV WAIT
PIL
PHIZ
MSK1
MSK0
PDD3 PDD2 PDD1
PDD0
0000h
7Ah
Pen Digitizer data PNDN
ADR2
ADR1
ADR0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0000h
7Ch
Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
574Dh
7Eh
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
Rev7
Rev6
Rev5
Rev4
Rev3
Rev2 Rev1
Rev0
4C05h
Table 23 Serial Interface Register Map Description
Note:
1.
Default values of register 28h and 2Ah depend on whether the device is a primary or secondary, and whether SPDIF
capability is enabled by pulling pin 44 SPEN high. The conditions shown are for a primary codec with SPDIF capability.
2.
Register 5Ah is write only. When writing to this register all bits except MPM (bit 4) must be written as 0, otherwise device
function can not be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com