Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F51116ADFM Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 68Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 69Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 70Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 71Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 72Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 69 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.2.1
Standard I/O Pin Output Characteristics (1)
Figure 5.12 to Figure 5.15 show the characteristics of general ports (except for the RIIC output pin, ports P40 to P44,
P46, ports PJ6, PJ7)
Figure 5.12
VOH/VOL and IOH/IOL Voltage Characteristics of General Ports (Except for the RIIC
Output Pin, Ports P40 to P44, P46, Ports PJ6, PJ7) at Ta = 25°C (Reference Data)
Figure 5.13
VOH/VOL and IOH/IOL Temperature Characteristics of General Ports (Except for the RIIC
Output Pin, Ports P40 to P44, P46, Ports PJ6, PJ7) at VCC = 1.8 V (Reference Data)
–30
–20
–10
0
10
20
30
40
00.5
11.5
22.5
3
3.5
VOH/VOL [V]
IOH/IOL vs VOH/VOL
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 1.8 V
–6
–4
–2
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOH/VOL [V]
IOH/IOL vs VOH/VOL
Ta = –40°C
Ta = –40°C
Ta = 25°C
Ta = 25°C
Ta = 105°C
Ta = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com