Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX634 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RX634
Description  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 17Page - Renesas Technology Corp RX634 Datasheet HTML 18Page - Renesas Technology Corp RX634 Datasheet HTML 19Page - Renesas Technology Corp RX634 Datasheet HTML 20Page - Renesas Technology Corp RX634 Datasheet HTML 21Page - Renesas Technology Corp RX634 Datasheet HTML 22Page - Renesas Technology Corp RX634 Datasheet HTML 23Page - Renesas Technology Corp RX634 Datasheet HTML 24Page - Renesas Technology Corp RX634 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 21 of 106
Feb 25, 2015
RX634 Group
3. Address Space
3.
Address Space
3.1
Address Space
This LSI has a 4-Gbyte address space, consisting of the range of addresses from 0000 0000h to FFFF FFFFh. That is,
linear access to an address space of up to 4 Gbytes is possible, and this contains both program and data areas.
Figure 3.1 shows the memory maps in the respective operating modes. Accessible areas will differ according to the
operating mode and states of control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com