Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU10VFC-R03370 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SU10VFC-R03370
Description  SU Coils, SU 10VFC-R Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU10VFC-R03370 Datasheet(HTML) 1 Page - Kemet Corporation

  SU10VFC-R03370 Datasheet HTML 1Page - Kemet Corporation SU10VFC-R03370 Datasheet HTML 2Page - Kemet Corporation SU10VFC-R03370 Datasheet HTML 3Page - Kemet Corporation SU10VFC-R03370 Datasheet HTML 4Page - Kemet Corporation SU10VFC-R03370 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0018_SU10VFC-R • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Superlowprofile:15.0mmmaximum
• Inductances up to 37 mH
• Rated Currents up to 2.0 A
• DCResistancesaslowas0.15Ω
Overview
TheKEMETSUCoils,SU10VFC-RTypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SU Coils, SU 10VFC-R Type
Part Number System
SU
10
VFC-
R
03
370
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
SU
10 = 10.0
VFC- = Vertical
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 03 = 0.3 A)
xx = x.x A (e.g., 15 = 1.5 A)
xx0 = xx mH (e.g., 370 = 37 mH)
0xx = x.x mH (e.g., 025 = 2.5 mH)


Similar Part No. - SU10VFC-R03370

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU10VFC-R03370 KEMET-SU10VFC-R03370 Datasheet
431Kb / 7P
Common Mode SU Coils, 10VFC-R Series
SU10VFC-R03370 KEMET-SU10VFC-R03370_V01 Datasheet
431Kb / 7P
Common Mode SU Coils, 10VFC-R Series
More results

Similar Description - SU10VFC-R03370

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9VF-02100 KEMET-SU9VF-02100 Datasheet
387Kb / 5P
SU Coils, SU 9VF/9HF Type
SU9V-R02140 KEMET-SU9V-R02140 Datasheet
424Kb / 5P
SU Coils, SU 9V/9H Type
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
SU Coils, SU 7VC Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
SU Coils, SU 7VC Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
SU Coils, SU 9VF/9HF Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
SU Coils, SU 9V/9H Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
SU Coils, SU 10VD High Frequency Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
SU Coils, SU 10VFC-R Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
SU Coils, SU 16VD High Frequency Type
SU10VFC-R03370 KEMET-SU10VFC-R03370_V01 Datasheet
431Kb / 7P
Common Mode SU Coils, 10VFC-R Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com