Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU10VFC-R15019 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SU10VFC-R15019
Description  SU Coils, SU 10VFC-R Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU10VFC-R15019 Datasheet(HTML) 3 Page - Kemet Corporation

  SU10VFC-R15019 Datasheet HTML 1Page - Kemet Corporation SU10VFC-R15019 Datasheet HTML 2Page - Kemet Corporation SU10VFC-R15019 Datasheet HTML 3Page - Kemet Corporation SU10VFC-R15019 Datasheet HTML 4Page - Kemet Corporation SU10VFC-R15019 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0018_SU10VFC-R • 6/16/2014
AC Line Filters – SU Coils, SU 10VFC-R Type
Specifications
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderabilitybeforeuse.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability of external
electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate the
solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
Item
SU 10VFC-R
Rated Voltage
250 VAC
Withstanding Voltage
2400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩ@500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
-25ºC to T (T = 120 - temperature rise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
AC Line Filters
29
Common mode
• Rated voltage: 250VAC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: E (120˚C)
• Operating temperature range (˚C): –25 to T (T=200–temperature rise)  • Indactance measurement condition: 1kHz, 1V, KC530
Shape and Dimensions
[mm]
<Features> ・ Super low profile : 15.0mm max
・ High permeability core realizes high inductance
・ Best suites for internal power supply of compact / thin adaptor and other thin - cased devices.
SU10VFC-R03370
4.2
SU10VFC-R04250
2.8
0.3
0.4
37.0
25.0
6.5
6.5
45
45
SU10VFC-R05140
1.6
0.5
14.0
6.4
45
SU10VFC-R07088
1.1
0.7
8.8
6.3
50
SU10VFC-R10045
0.55
1.0
4.5
6.4
50
SU10VFC-R13025
0.30
1.3
2.5
6.6
50
SU10VFC-R15019
0.24
1.5
1.9
6.5
50
SU10VFC-R17016
0.21
1.7
1.6
6.2
55
SU10VFC-R20010
0.15
2.0
1.0
6.2
55
R03 lot No.
R04 lot No.
R05 lot No.
R07 lot No.
R10 lot No.
R13 lot No.
R15 lot No.
R17 lot No.
R20 lot No.
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Marking
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
ø0.70
18.0 max.
13±0.5
15.5 max.
10±0.5
13
N2
N1
Marking
Numbering System
Series
Core size ; shape (V : vertical)
Core Type (R : High permeability core)
Rated current (03 stands for 0.3A)
Inductance (370 stands for 37.0mH)
SU 10VFC - R 03 370
�
�
� � �
SU Coils
SU 10VFC-R Type
[RoHS Compliant]
SU Coils
SU 10VFC-R Type
[RoHS Compliant]
Frequency characteristic
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
R03370
R04250
R05140
R07088
R10045
R03370
R04250
R05140
R07088
R10045
R20010
R17016
R15019
R13025
R20010
R17016
R15019
R13025
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com