Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 45Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 46Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 47Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 48Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 49Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 50Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 51Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 52Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 49 of 116
Oct 30, 2015
RX130 Group
5. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. The IWDT, LVD, and CMPB are stopped.
Note 3. VCC = 3.3 V.
Note 4. Includes the oscillation circuit.
Figure 5.4
Voltage Dependency in Software Standby Mode (Reference Data)
Table 5.8
DC Characteristics (6)
Conditions: 1.8V
≤ VCC = AVCC0 < 2.0V, 2.0V ≤ VCC ≤ 5.5V, 2.0V ≤ AVCC0 ≤ 5.5V, VSS = AVSS0 = 0V, Ta = –40 to +105°C
Item
Symbol
Typ.*3
Max.
Unit
Test Conditions
Supply
current*1
Software standby
mode*2
Ta = 25°C
ICC
0.37
0.71
μA
Ta = 55°C
0.50
1.70
Ta = 85°C
1.20
8.00
Ta = 105°C
2.30
19.60
Increment for RTC operation*4
0.40
—
RCR3.RTCDV[2:0] set to low drive capacity
1.21
—
RCR3.RTCDV[2:0] set to normal drive
capacity
Increment for low-power timer
operation
0.37
—
LPTCR1.LPCNTCKSEL set to IWDT-
dedicated on-chip oscillator
Increment for Independent
Watchdog Timer operation
0.37
—
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0.1
1
10
100
Ta = 25°C *
1
Ta = 55°C *
1
Ta = 85°C *
1
Ta = 105°C *
1
Ta = 25°C *
2
Ta = 55°C *
2
Ta = 85°C *
2
Ta = 105°C *
2
VCC (V)
Ta = 105°C *
2
Ta = 105°C *
1
Ta = 85°C *
2
Ta = 85°C *
1
Ta = 55°C *
2
Ta = 55°C *
1
Ta = 25°C *
2
Ta = 25°C *
1
Note 1.
All peripheral operations are operating (normal operation). except BGO operation This is the average of
the actual measurements of sample cores during product evaluation.
Note 2.
All peripheral operations are operating (normal operation). except BGO operation This is the average of
the actual measurements for the upper-limit samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com