Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2027 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2SA2027
Description   SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SA2027 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SA2027 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA2027 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SA2027 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SA2027 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2027
シリコンPNPエピタキシァル形
低周波電力増幅用
標準特性
コレクタ損失−周囲温度特性
0
200
400
600
800
1000
0
40
80
120
160
周囲温度 Ta(℃)
エミッタ接地伝達特性
-0.1
-1
-10
-100
-0
-0.2
-0.4
-0.6
-0.8
-1
ベース・エミッタ間電圧 VBE(V)
VCE=-10V
Ta=100℃
Ta=25℃
Ta=-25℃
直流電流増幅率−コレクタ電流特性
1
10
100
1000
-0.1
-1
-10
-100
コレクタ電流 IC(mA)
Ta=100℃
Ta=25℃
Ta=-25℃
VCE=-10V
コレクタ・エミッタ間飽和電圧−コレクタ電流特性
-0.01
-0.1
-1
-0.1
-1
-10
-100
コレクタ電流 IC(mA)
Ta=100℃
Ta=25℃
Ta=-25℃
IC/IB=10/1
エミッタ接地出力特性(1)
-0
-10
-20
-30
-0
-2
-4
-6
-8
-10
コレクタ・エミッタ間電圧 VCE(V)
IB=-50uA
IB=-100uA
IB=-150uA
IB=-200uA
IB=-250uA
Ta=25℃
エミッタ接地出力特性(2)
-0
-4
-8
-12
-16
-20
-0
-20
-40
-60
-80
-100
コレクタ・エミッタ間電圧 VCE(V)
IB=0
IB=-10uA
IB=20uA
IB=-30uA
IB=-40uA
IB=-60uA
IB=-70uA
IB=-80uA
IB=-90uA
IB=-100uA
IB=-110uA
IB=-120uA
IB=-130uA
IB=-140uA
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com