Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHR9UG2092-R22-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHR9UG2092-R22-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHR9UG2092-R22-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHR9UG2092-R22-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHR9UG2092-R22-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHR9UG2092-R22-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHR9UG2092-R22-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHR9UG2092-R22-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHR9UG2092-R22-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHR9UG2092-R22-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Operating Temperature
-40 ~ +85
Topr
℃
Peak
wave
length
λDnm
Viewing
angle
2
θ 1/2
(deg)
LHR9UG2092/R22-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
20
574
White Diffused
Red
GaAlAs
Green
Emitted
20
660
Lens
1.7
2.6
60
60
2.4
1.5
Min.
Max.
Min.
Typ.
Storage Temperature
PART NO
Typical Electrical & Optical Characteristics (Ta=25
℃)
COLOR
MATERIAL
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Luminous
intensity
@20mA(mcd)
-40 ~ +100
Tstg
℃
PART NO. LHR9UG2092/R22-PF
Page 2/6
Absolute Maximum Ratings at Ta=25
℃
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Forward Current
IF
mA
30
30
Ir
10
PD
100
IFP
100
10
μA
75
mW
60
mA
Absolute Maximum Ratings
Parameter
Symbol
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
AlGaInP
V
2000
Electrostatic Discharge( * )
ESD
65
160
12
28
Peak
wave
length
λPnm
Red
Green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com