Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT37B70 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT37B70
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B70 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT37B70 Datasheet HTML 9Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 10Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 11Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 12Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
13
June22,2017
tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
tempreg3 db
?
; temporary register #3
tempreg4 db
?
; temporary register #4
:
:
mov a,01h
; set ROM bank 1 point
mov bp1,a
mov a,06h
; initialise table pointer
mov tblp1,a
; to the last page
clr tbmpl
clr tbhpl
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address ²3F06H² transferred to
; tempreg1 and TBLH
dec tblp1
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address ²3F05H² transferred to
; tempreg2 and TBLH
; in this example the data ²1AH² is transferred to
; tempreg1 and data ²0FH² to register tempreg2
; the value ²00H² will be transferred to the high byte
; register TBLH
:
:
mov a,04h
; initialise table pointer low byte
mov tblp1,a
;
mov a,3Fh
; initialise table pointer middle byte
mov tbmp1,a
mov a,00h
; initialise table pointer high byte
mov tbhp1,a
tabrdc
tempreg3
;
:
:
rombank 1 romsumvalue1; sets rombank 1 initial address of last page
;(for HT37B90/70/50/30)
romsumvalue1 .section at 1F00h ¢code¢
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
Instruction
TableLocationBits
b18~b13
b12~b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m] TBHP1_2~TBMP1_5 TBMP1_4~TBMP1_0
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
BP1_5~BP1_0
11111
@7
@6
@5
@4
@3
@2
@1
@0
TableLocation
Note:
@7~@0:Tablepointerlower-orderbitsareTBLP1[7:0]
b17~b0:CurrentprogramROMtableaddressA [18:0]
TBMP1_4~TBMP1_0:TBMP1bit4~0
TBHP1_2~TBMP1_5:TBHP1(bit2~0)toTBMP1(bit7~5)
BP1_5~BP1_0:BitsofbankBP1bit0~5
FortheHT37B90,theTableaddresslocationis19bitswide, i.e.fromb18~b0.
FortheHT37B70,theTableaddresslocationis18bitswide, i.e.fromb17~b0.
FortheHT37B50,theTableaddresslocationis17bitswide, i.e.fromb16~b0.
FortheHT37B30,theTableaddresslocationis16bitswide, i.e.fromb15~b0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com