Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R004 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Rev. 1.30
48
�an�a�� ��� �01�
Rev. 1.30
4�
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
Analog to Digital Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicecontainsan8-channelanalogtodigitalconverterwhichcandirectlyinterfacetoexternal
analogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignalsdirectly
intoeithera12-bitdigitalvalue.
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
A/D Converter Structure
A/D Converter Data Registers – ADRL, ADRH
Thedevice,whichhasaninternal12-bitA/Dconverter,requiretwodataregisters,ahighbyte
register,knownasADRH,andalowbyteregister,knownasADRL.Aftertheconversionprocess
takesplace,theseregisterscanbedirectlyreadbythemicrocontrollertoobtainthedigitised
conversionvalue.Onlythehighbyteregister,ADRH,utilisesitsfull8-bitcontents.Thelow
byteregisterutilisesonly4bitofits8-bitcontentsasitcontainsonlythelowestbitsofthe12-bit
convertedvalue.
Inthefollowingtable,D0~D11istheA/Dconversiondataresultbits.
ADRH, ADRL Register
Bit
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Name D11 D10 D�
D8
D7
D�
D5
D4
D3
D�
D1
D0
—
—
—
—
R/W
R
R
R
R
R
R
R
R
R
R
R
R
—
—
—
—
POR
x
x
x
x
x
x
x
x
x
x
x
x
—
—
—
—
“x” �nknown
Unimplemented,readas“0”
D11~D0: ADCconversiondata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com