Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R002 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
Rev. 1.11
8
April 11, 2017
Rev. 1.11
9
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage (HIRC)
— fSYS=8MHz
2.3
—
5.5
V
IDD1
Operating Current (HIRC on)
3V
No load, fSYS=8MHz
—
1.2
1.8
mA
5V
—
2.4
3.6
mA
ISTB1
Standby Current (LIRC on)
3V
No load, system HALT
—
—
5
μA
5V
—
—
10
μA
ISTB2
Standby Current (LIRC off)
3V
No load, system HALT
—
—
1
μA
5V
—
—
2
μA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT pin
5V
—
0
—
1.5
V
—
0
—
0.2VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT pin
5V
—
3.5
—
5
V
—
0.8VDD
—
VDD
V
VIL2
Input low voltage (RES)
—
—
0
—
0.4VDD
V
VIH2
Input high voltage (RES)
—
—
0.9VDD
—
VDD
V
VLVR
Low Voltage Reset Voltage
— LVR Enable, 2.1V
2.0
2.1
2.2
V
IOH
I/O source current (PA)
3V
VOH=0.9VDD
-2.5
-5
—
mA
5V
-5
-11
—
mA
IOL1
I/O sink current (PA)
3V
VOL=0.1VDD
7.5
15
—
mA
5V
15
30
—
mA
IOL2
PA7 sink current
5V VOL=0.1VDD
2
3
—
mA
RPH
Pull-high Resistance for I/O Ports
3V
—
20
60
100
kΩ
5V
—
10
30
50
kΩ
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Operating Clock
—
2.3V~5.5V
8
8
8
MHz
fHIRC
System Clock (HIRC)
3/5V
—
-2%
8
+2%
MHz
3/5V
Ta=0°~70°C
-5%
8
+5%
MHz
3.0~5.5V Ta=0°~70°C
-8%
8
+8%
MHz
3.0~5.5V Ta=-40°~85°C
-12%
8
+12%
MHz
fTIMER
Timer I/P Frequency (TMR)
3.3~5.5V
—
0
—
8
MHz
tWDTOSC Watchdog oscillator period
3V
—
45
90
180
μs
5V
—
32
65
130
μs
tRES
External reset low pulse width
—
—
1
—
—
μs
tSST
System start-up timer period
—
wake-up from halt
—
16
—
tSYS
tLVR
Low Voltage Width to Reset
—
—
0.25
1
2
ms
tRSTD
System Reset Delay Time (All Reset)
—
—
25
50
100
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com