Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
HT82K94E/HT82K94A
Rev. 2.40
20
November 5, 2014
STALL, PIPE, PIPE_CTRL and Endpt_EN Registers
PIPE register represents whether the endpoint corresponding is accessed by host or not. After ACT_EN signal being
sent out, MCU can check which endpoint had been accessed. This register is set only after the time when host access
the corresponding endpoint.
STALL register shows whether the endpoint corresponding works or not. As soon as the endpoint work improperly, the
bit corresponding must be set.
PIPE_CTRL Register is used for configuring IN (Bit=1) or OUT (Bit=0)Pipe. The default is define IN pipe. Where Bit0
(DATA0) of the PIPE_CTRL Register is used to setting the data toggle of any endpoint (except endpoint0) using data
toggles to the value DATA0. Once the user want the any endpoint (except endpoint0) using data toggles to the value
DATA0. the user can output a LOW pulse to this bit. The LOW pulse period must at least 10 instruction cycle.
Endpt_EN Register is used to enable or disable the corresponding endpoint (except endpoint 0) Enable Endpoint
(Bit=1) or disable Endpoint (Bit=0)
The bitmaps are list as follows :
Register
Name
R/W
Register
Address
Bit7~Bit4 Reserved
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
PIPE_CTRL
R/W
01000001B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
00001111
STALL
R/W
01000011B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
00001111
PIPE
R
01000100B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
00000000
Endpt_EN
R/W
01000001B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
00001111
PIPE_CTRL (41H), STALL (43H), PIPE (44H) and Endpt_EN (47H) Registers
The SIES Register is used to indicate the present signal state which the SIE receives and also defines whether the SIE
has to change the device address automatically.
Bit No.
Function
Read/Write
Register Address
7
MNI
R/W
01000001B
6~2
¾¾
1
F0_ERR
R/W
0
Adr_set
R/W
SIES (45H) Register
Func. Name
R/W
Description
Adr_ set
R/W
This bit is used to configure the SIE to automatically change the device address with the
value of the Address+Remote_WakeUp Register (42H).
When this bit is set to
²1² by F/W, the SIE will update the device address with the value of
the Address+Remote_WakeUp Register (42H) after the PC Host has successfully read the
data from the device by the IN operation. The SIE will clear the bit after updating the device
address. Otherwise, when this bit is cleared to
²0², the SIE will update the device address
immediately after an address is written to the Address+Remote_WakeUp Register (42H).
Default 0
F0_Err
R/W
This bit is used to indicate that some errors have occurred when accessing the FIFO0.
This bit is set by SIE and cleared by F/W. Default 0
¾¾
Unused bit, read as
²0²
NMI
R/W
This bit is used to control whether the USB interrupt is output to the MCU in NAK response
to the PC Host IN or OUT token.
1: has only USB interrupt, data is transmitted to the PC host or data is received from the PC
Host
0: always has USB interrupt if the USB accesses FIFO0. Default 0
SIES Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com