Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86A36 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT86A36
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT86A36 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Part No.
VDD
Program
Memory
Data
Memory
Voice
ROM
Voice
Capacity
I/O
Timer
D/A
Stack
Package
Types
HT86A36
2.0V~
5.5V
8K
´16
384
´8
96
´8
36sec
40
8-bit
´4 12-bit´1
8
44/64LQFP
HT86A72
192
´8
72sec
HT86AR72
2.2V~
5.5V
Note: Voice length is estimated by 21K-bit data rate
Block Diagram
HT86Axx/HT86ARxx
Rev. 1.10
2
December 12, 2012
S t a c k
D / A
C o n v e r t e r s
R A M D a t a
M e m o r y
I / O P o r t s
8 - b i t
T i m e r
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
W a t c h d o g
T i m e r O s c i l l a t o r
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
O s c i l l a t o r
L o w
V o l t a g e
D e t e c t
P o w e r
A m p l i f i e r
S e r i a l
I n t e r f a c e
A / D
C o n v e r t e r
V o i c e
R O M
L o w
V o l t a g e
R e s e t
R T C
P r o g r a m
M e m o r y
Selection Table
The devices include a comprehensive range of features, with most features common to all devices. The main features
distinguishing them are Voice ROM capacity and power supply voltage. The functional differences between the de-
vices are shown in the following table. Devices which include an
²A² in their part number are Mask type while devices
which contain an
²R² in their part number are OTP type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com