Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86A72 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT86A72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A72 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT86A72 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
25
December 12, 2012
selected, then all I/O pins on that port will be connected
to pull-high resistors, individual pins can be selected for
pull-high resistor options.
Port A Wake-up
Each device has a HALT instruction enabling the
microcontroller to enter a Power Down Mode and pre-
serve power, a feature that is important for battery and
other low-power applications. Various methods exist to
wake-up the microcontroller, one of which is to change
the logic condition on one of the Port A pins from high to
low. After a
²HALT² instruction forces the microcontroller
into entering a HALT condition, the processor will re-
main idle or in a low-power state until the logic condition
of the selected wake-up pin on Port A changes from high
to low. This function is especially suitable for applica-
tions that can be woken up via external switches. Note
that each pin on Port A can be selected individually to
have this wake-up feature.
I/O Port Control Registers
Each I/O port has its own control register PAC, PBC,
PCC, PDC, PEC, etc., to control the input/output config-
uration. With this control register, each CMOS output or
input with or without pull-high resistor structures can be
reconfigured dynamically under software control. Each
pin of the I/O ports is directly mapped to a bit in its asso-
ciated port control register. For the I/O pin to function as
an input, the corresponding bit of the control register
must be written as a
²1². This will then allow the logic
state of the input pin to be directly read by instructions.
When the corresponding bit of the control register is
written as a
²0², the I/O pin will be setup as a CMOS out-
put. If the pin is currently setup as an output, instructions
can still be used to read the output register. However, it
should be noted that the program will in fact only read
the status of the output data latch and not the actual
logic status of the output pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· A/D Inputs
The device have 4 A/D converter channel inputs. All of
these analog inputs are pin-shared with PC0 to PC3. If
these pins are to be used as A/D inputs and not as
normal I/O pins then the corresponding bits in the A/D
Converter Control Register that must be properly set.
There are no configuration options associated with
the A/D function. If used as I/O pins, then full pull-high
resistor selections remain, however if used as A/D in-
puts then any pull-high resistor selections associated
with these pins will be automatically disconnected.
· Serial Interface
The Serial Interface are pin-shared with PD0 to PD3.
If there are to be used as Serial Interface inputs and
not as normal I/O pins then the corresponding bits in
the Serial Interface Control Register that must be
properly set. There are a configuration option associ-
ated with the Serial Interface function. If used as I/O
pins, then full pull-high resistor selections remain,
however if used as the Serial Interface inputs then any
pull-high resistor selections associated with these
pins will be automatically disconnected.
· I/O Pin Structures
The following diagrams illustrate the I/O pin internal
structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied
as a guide only to assist with the functional under-
standing of the I/O pins. Note also that the specified
pins refer to the largest device package, therefore not
all pins specified will exist on all devices.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialization. After a reset, all of the I/O data
and port control registers will be set high. This means
that all I/O pins will default to an input state, the level of
which depends on the other connected circuitry and
whether pull-high options have been selected. If the port
control registers, PAC, PBC, PCC, PDC, PEC etc., are
then programmed to setup some pins as outputs, these
output pins will have an initial high output value unless
the associated port data registers, PA, PB, PC, PD, PE,
etc., are first programmed. Selecting which pins are in-
puts and which are outputs can be achieved byte-wide
by loading the correct values into the appropriate port
control register or by programming individual bits in the
port control register using the
²SET [m].i² and ²CLR
[m].i
² instructions. Note that when using these bit control
instructions, a read-modify-write operation takes place.
The microcontroller must first read in the data on the en-
tire port, modify it to the required new bit values and then
rewrite this data back to the output ports.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
W r i t e t o P o r t
R e a d f r o m P o r t
S y s t e m C l o c k
P o r t D a t a
Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com