Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R23 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT56R23
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R23 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT56R23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
Note: Bracketed pin names indicate non-default pinout remapping locations.
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
4
December 26, 2014
P D 4 / [ P W M 0 ]
P D 3 / P W M 3
P D 2 / P W M 2
P D 1 / P W M 1 / S D O
P D 0 / P W M 0 / S D I / S D A
P B 0 / S C K / S C L / C O M 0
P B 1 / S C S / C O M 1
P B 2 / P C L K / C O M 2
P B 3 / P I N T / C O M 3
P B 4 / B Z
P B 5 / B Z
H T 5 6 R 2 5 / H T 5 6 R 2 6
4 4 L Q F P - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
P A 5 / A N 5 / T C 0 / S D O 1
P A 4 / A N 4 / I N T 0 / V D D I O
P A 3 / A N 3 / P F D
P A 2 / A N 2
P A 1 / A N 1
P A 0 / A N 0
P F 3
P F 2
P F 1
P F 0
V S S
P A 0 / A N 0
V S S
P C 3 / X T 2
P C 2 / X T 1
P C 1 / O S C 2
P C 0 / O S C 1
V D D
P C 7 / R E S
P C 6 / A U D
P B 6 / T C 2
P B 5 / B Z
P B 4 / B Z
P B 3 / P I N T B / C O M 3
P B 2 / P C L K / C O M 2
P A 1 / A N 1
P A 2 / A N 2
P A 3 / A N 3 / P F D
P A 4 / A N 4 / I N T 0 / V D D I O
P A 5 / A N 5 / T C 0 / S D O 1
P A 6 / A N 6 / I N T 1 / S D I 1
P A 7 / A N 7 / T C 1 / S C K 1
P E 0 / [ P F D ] / S C S 1
P D 3 / P W M 3
P D 2 / P W M 2
P D 1 / P W M 1 / S D O
P D 0 / P W M 0 / S D I / S D A
P B 0 / S C K / S C L / C O M 0
P B 1 / S C S / C O M 1
H T 5 6 R 2 5 / H T 5 6 R 2 6
2 8 S K D I P - A / S O P - A / S S O P - A ( 2 0 9 m i l )
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com