Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQL9-1 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SQL9-1
Description  THREE PHASE BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SQL9-1 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SQL9-1 Datasheet HTML 1Page - HY ELECTRONIC CORP. SQL9-1 Datasheet HTML 2Page - HY ELECTRONIC CORP. SQL9-1 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
●Surege overload 150 Amperse peak
● Low forward voltage drop
● Mounting Position : Any
● Electrically isolated base -2000 Volts
● Materials used carries U/L recognition
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
For capacitive load current by 20%
CHARACTERISTICS
SYMBOL SQL9-1
SQL9-2
SQL9-3
SQL9-4
SQL9-6
SQL9-8 SQL9-10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 5.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
1.2
IR
μA
10
-40 to +130
-40 to +130
500
Rev. 7, 16-Mar-2017
I(AV)
5.0
A
IFSM
150
A
SQL9-1 thru SQL9-10
THREE PHASE BRIDGE RECTIFIERS
REVERSE VOLTAGE - 100 to 1000Volts
FORWARD CURRENT -
5.0
Amperes
SQL
.228(5.8)
.244(6.2)
.110(2.8)
.126(3.2)
.236(6.0)
.276(7.0)
1.024(26.0)
1.083(27.5)
.484(12.3)
.524(13.3)
.028(0.7)
.035(0.9)
2.382(60.5)
2.343(59.5)
1.398(35.5)
1.437(36.5)
.906(23.0)
.866(22.0)
1.240(31.5)
1.280(32.5)


Similar Part No. - SQL9-1

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SQL100A THINKISEMI-SQL100A Datasheet
187Kb / 1P
50-100A GPP Three Phase Bridge Rectifiers
logo
Visual Communications C...
SQL360 VCC-SQL360 Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTP VCC-SQL360RTP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTPATP VCC-SQL360RTPATP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTPBTP VCC-SQL360RTPBTP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
More results

Similar Description - SQL9-1

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBR5008W HY-SBR5008W Datasheet
155Kb / 3P
THREE PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
S3PDB25XX SIRECTIFIER-S3PDB25XX Datasheet
427Kb / 2P
Three Phase Bridge Rectifiers
S3PDB35NXX SIRECTIFIER-S3PDB35NXX Datasheet
439Kb / 3P
Three Phase Bridge Rectifiers
logo
Yangzhou yangjie electr...
MT3516A YANGJIE-MT3516A Datasheet
157Kb / 4P
Three Phase Bridge Rectifiers
logo
Insel Rectifier India P...
PTB-450 IRI-PTB-450 Datasheet
287Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
PTB450 IRI-PTB450 Datasheet
287Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
PTB900 IRI-PTB900 Datasheet
285Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
SKBPC3504 LUGUANG-SKBPC3504_V01 Datasheet
892Kb / 3P
Three Phase Bridge Rectifiers
logo
RFE international
DF25NA80 RFE-DF25NA80 Datasheet
508Kb / 3P
Three Phase Bridge Rectifiers
03-02-2022
SKBPC1504 RFE-SKBPC1504 Datasheet
2Mb / 3P
Three Phase Bridge Rectifiers
12-14-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com