Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5621 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2SC5621
Description  FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC5621 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2SC5621 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC5621 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SC5621 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SC5621 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2SC5621 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S PARAMETER
VCE=5V,IC=10mA
FREQUENCY
(MHZ)
S11
MAG
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.297
0.292
0.294
0.287
0.285
0.284
0.285
0.283
0.287
0.282
0.278
0.285
0.286
0.286
0.288
0.287
-155.6
-165.3
-172.9
179.5
174.2
168.6
163.2
158.8
154.2
150.7
146.5
142.4
138.8
135.1
131.4
128.8
0.085
0.100
0.114
0.128
0.143
0.155
0.169
0.182
0.197
0.211
0.222
0.236
0.249
0.263
0.274
0.288
63.2
63.9
65.1
65.1
64.7
64.5
63.7
63.2
61.9
61.4
60.8
59.2
57.9
56.8
55.8
55.0
5.895
4.977
4.308
3.791
3.413
3.098
2.833
2.631
2.440
2.282
2.142
2.030
1.923
1.832
1.751
1.677
86.2
81.4
77.1
73.0
69.3
65.6
62.5
59.2
55.9
53.2
50.2
47.4
44.7
42.0
39.5
37.0
0.310
0.308
0.292
0.291
0.290
0.294
0.294
0.302
0.303
0.306
0.307
0.310
0.321
0.322
0.325
0.330
-43.6
-45.0
-45.0
-45.7
-48.2
-50.4
-51.9
-54.4
-56.7
-58.9
-61.3
-63.3
-65.5
-67.8
-69.8
-72.4
VCE=5V,IC=8mA
FREQUENCY
(MHZ)
S11
MAG
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.310
0.305
0.303
0.294
0.294
0.290
0.291
0.290
0.291
0.286
0.284
0.289
0.289
0.292
0.292
0.292
-148.5
-159.2
-167.6
-175.0
178.8
172.6
167.4
162.3
157.4
153.5
149.1
145.3
141.3
137.4
133.9
130.5
0.089
0.101
0.114
0.127
0.140
0.154
0.166
0.181
0.194
0.206
0.219
0.233
0.247
0.258
0.271
0.284
60.1
61.7
63.2
62.7
63.0
62.8
61.9
62.0
60.6
59.9
59.7
58.6
57.8
56.8
55.6
54.6
5.733
4.852
4.205
3.701
3.338
3.028
2.773
2.572
2.392
2.232
2.097
1.989
1.883
1.797
1.719
1.642
87.8
82.8
78.2
74.0
70.2
66.4
63.0
59.6
56.3
53.5
50.6
47.7
44.8
42.2
39.5
37.0
0.337
0.331
0.312
0.310
0.308
0.310
0.311
0.318
0.318
0.317
0.322
0.323
0.332
0.335
0.338
0.342
-44.9
-46.8
-46.4
-47.2
-49.6
-51.5
-53.0
-55.4
-57.7
-60.7
-62.2
-64.1
-66.3
-68.4
-70.4
-72.7
VCE=5V,IC=6mA
FREQUENCY
(MHZ)
S11
MAG
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.343
0.328
0.323
0.311
0.309
0.303
0.302
0.303
0.302
0.297
0.294
0.299
0.300
0.301
0.302
0.299
-139.3
-150.5
-159.4
-167.9
-174.4
178.8
172.7
167.4
162.1
158.1
153.7
148.7
144.7
140.6
136.8
133.3
0.091
0.104
0.115
0.127
0.139
0.153
0.163
0.176
0.190
0.201
0.214
0.225
0.238
0.250
0.263
0.276
56.5
57.6
58.7
59.0
59.9
59.7
59.8
59.1
59.1
59.1
58.3
57.5
56.5
56.0
55.1
54.3
5.461
4.641
4.036
3.565
3.218
2.919
2.675
2.486
2.306
2.162
2.029
1.924
1.824
1.739
1.666
1.592
90.3
84.9
79.9
75.4
71.2
67.3
63.8
60.3
56.8
54.0
50.8
47.8
44.9
42.2
39.5
36.9
0.382
0.369
0.347
0.340
0.335
0.336
0.335
0.342
0.341
0.341
0.345
0.344
0.353
0.356
0.360
0.363
-46.1
-47.9
-47.8
-48.4
-50.5
-52.7
-54.0
-56.5
-58.3
-60.2
-62.9
-65.1
-66.9
-68.9
-70.8
-73.1
2SC5621
〈SMALL-SIGNAL TRANSISTOR〉
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com