Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGUGX10D Datasheet(PDF) 1 Page - SunLED Corporation

Part # XGUGX10D
Description  Uniform light disbursement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XGUGX10D Datasheet(HTML) 1 Page - SunLED Corporation

  XGUGX10D Datasheet HTML 1Page - SunLED Corporation XGUGX10D Datasheet HTML 2Page - SunLED Corporation XGUGX10D Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XGUGX10D
10 SEGMENT BAR GRAPH ARRAY
Oct 18,2016
XDSA1915 V9-X Layout: Maggie L.
P. 1/3
Features
● Robust package
● Uniform light disbursement
● Ideal for backlighting logos or icons
● Excellent for flush mounting
● Standard configuration: Gray face w/ white
segments
● RoHS compliant
Absolute Maximum Ratings
(TA=25°C)
Green
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PD
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3-5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Green
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=10mA)
λP
565*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=10mA)
λD
568*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
△
λ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Wavelength
CIE127-2007*
nm λP
Description
min.
typ.
XGUGX10D
Green
GaP
5600
1400*
11990
3990*
565*
10 Segments
Bar graph-Display
Luminous Intensity
CIE127-2007*
(IF=10mA) ucd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XGUGX10D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XGUGX10D ETC1-XGUGX10D Datasheet
197Kb / 3P
10 SEGMENTS BAR GRAPH ARRAY
More results

Similar Description - XGUGX10D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XGUYX5D SUNLED-XGUYX5D Datasheet
226Kb / 3P
Uniform light disbursement
XGUYX10D SUNLED-XGUYX10D Datasheet
230Kb / 3P
Uniform light disbursement
XEMR30D SUNLED-XEMR30D Datasheet
200Kb / 3P
Uniform light disbursement
XEMRA100M SUNLED-XEMRA100M Datasheet
206Kb / 3P
Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
Uniform light disbursement
XGCBDX10D SUNLED-XGCBDX10D Datasheet
220Kb / 3P
Uniform light disbursement
XGMRX5D SUNLED-XGMRX5D Datasheet
214Kb / 3P
Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
Uniform light disbursement
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
Uniform light disbursement
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com