Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD8101 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ISD8101
Description  1.5W Audio Amplifier with Chip Enable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD8101 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISD8101 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD8101 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISD8101
ISD8101 Datasheet Rev. 1.8
- 7 -
Nov, 2012
6.3AC PARAMETERS
6.3.1
Analog Characteristics; Cref=4.7uF
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Audio Input Voltage Range
0.3 - 5.5
V
Vdd = 6.8Vdc
0.3 - 2.3
V
Vdd = 3.3Vdc
0.5 - 1.4
V
Vdd = 2.4Vdc
Inverting Input Impedance
5k
Gain=20dB
Non-Inverting Input Impedance
60k
Gain=20dB
Power Supply Rejection Ratio
PSRR
41
dB
Vdd = 5Vdc
Common Mode Rejection Ratio
CMRR
40
dB
Signal at INP = INV
Voltage Gain
20
dB
Rinput = zero-ohms
Enable Time from Standby
0.5
msec
Single-ended
Enable Time from Standby
0.5
msec
Differential
Pop-and-Click from Standby
1
10
mV
Single Ended
Pop-and-Click from Standby
1
10
mV
Differential
Thermal Resistance
2
90
°C/W
SOP-8 (with Ex-Pad)
Thermal Resistance
2
150
°C/W
SOP-8
Thermal Resistance
2
117
°C/W
PDIP-8
Notes:
[1] Impulse voltage that is potentially audible. After impulse, there is a slow ramp from standby
Vref to operating Vref, which is typically inaudible with Cref = 4.7uF
[2] Thermal resistance values are calculated from a generic simulation following JEDEC
specification (JESD51) and can vary depending upon PCB design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com