Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD8102 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ISD8102
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD8102 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISD8102 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD8102 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISD8102/ISD8104
Preliminary Data Sheet Rev 1.2
- 7 -
Publication Release Date Oct 30, 2011
5 PIN DESCRIPTION
Pin
Number
Pin Name
I/O
Function
1
Shutdown
I
Shutdown (Low = Chip Power Up / High = Chip Power Down)
2
VREF
O
Internal Reference Voltage (1/2 Vdd)
3
MODE
I
Single-Ended / Differential Output Logic Control
4
VIN
I
Inverting Signal Input
5
VOUTP
O
Non-Inverting Speaker Output
6
VDD
I
Supply Voltage
7
GND
I
Ground
8
VOUTN
O
Inverting Speaker Output
9
Ex-Pad
I
Thermal Tab (must be connected to Vss, SOP-8 package, only)
Table 5-1 ISD8102 8-Lead SOP Pin Description
Pin
Number
Pin Name
I/O
Function
1
CE
I
Chip Enable
2
VREF
O
Internal Reference Voltage (1/2 Vdd)
3
VIP
I
Non-Inverting Signal Input
4
VIN
I
Inverting Signal Input
5
VOUTP
O
Non-Inverting Speaker Output
6
VDD
I
Supply Voltage
7
GND
I
Ground
8
VOUTN
O
Inverting Speaker Output
9
Ex-Pad
I
Thermal Tab (must be connected to Vss, SOP-8 package, only)
Table 5-2 ISD8104 8-Lead SOP Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com