Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G17DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC3G17DP
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G17DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC3G17DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 9Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 10Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 11Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 12Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 14544
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
9 of 16
Philips Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
[1]
All typical values are measured at Tamb = 25 °C.
16. Waveforms transfer characteristics
VH
hysteresis
(VT+ − VT−)
see Figure 8, 9 and 10
VCC = 1.8 V
0.15
0.49
1.00
V
VCC = 2.3 V
0.25
0.60
1.10
V
VCC = 3.0 V
0.40
0.73
1.20
V
VCC = 4.5 V
0.60
0.92
1.50
V
VCC = 5.5 V
0.70
1.02
1.70
V
Tamb = −40 °C to +125 °C
VT+
positive-going
threshold
see Figure 8 and 9
VCC = 1.8 V
0.70
-
1.70
V
VCC = 2.3 V
1.00
-
2.00
V
VCC = 3.0 V
1.30
-
2.40
V
VCC = 4.5 V
1.90
-
3.30
V
VCC = 5.5 V
2.20
-
3.80
V
VT−
negative-going
threshold
see Figure 8 and 9
VCC = 1.8 V
0.25
-
1.10
V
VCC = 2.3 V
0.40
-
1.35
V
VCC = 3.0 V
0.60
-
1.70
V
VCC = 4.5 V
1.00
-
2.20
V
VCC = 5.5 V
1.20
-
2.50
V
VH
hysteresis
(VT+ − VT−)
see Figure 8, 9 and 10
VCC = 1.8 V
0.15
-
1.20
V
VCC = 2.3 V
0.25
-
1.30
V
VCC = 3.0 V
0.40
-
1.40
V
VCC = 4.5 V
0.60
-
1.70
V
VCC = 5.5 V
0.70
-
1.90
V
Table 12:
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VT+ and VT− limits at 70 % and 20 %.
Fig 8.
Transfer characteristic
Fig 9.
Definition of VT+, VT− and VH
mnb154
VO
VH
VI
VT−
VT+
mnb155
VO
VI
VH
VT+
VT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com