Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ISD9100
Description  ISD Cortex-M0 ChipCorder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD9100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISD9100 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD9100 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ISD9100 Series Datasheet
Release Date: January 8, 2016
- 7 -
Revision V1.41
3
PART INFORMATION AND PIN CONFIGURATION
3.1
Pin Configuration
3.1.1
ISD9100 LQFP 48 pin
LQFP 48-pin
32
36
30
29
28
27
26
25
34
35
31
33
1
2
3
4
6
7
8
9
10
5
11
12
VCCLDO
PA.14/TM0/SDCLK/SDCLKn
PA.4/I2S_FS
PA.6/I2S_SDI
PA.3/SPI_MISO0/I2C_SDA
VSSD
PA.5/I2S_BCLK
PA.7/I2S_SDO
PA.1/SPI_SCLK/I2C_SCL
PA.2/SPI_SSB0
PA.0/SPI_MOSI0/MCLK
VDD33
I2C_SCL/CMP2/SPI_SCLK/PB.2
VCCD
NC
VREG
SPI_SSB1/CMP0/SPI_SSB0/PB.0
MCLK/CMP1/SPI_SSB1/PB.1
I2C_SDA/CMP3/SPI_MISO0/PB.3
PWM0B/CMP4SPI_MOSI0/PB.4
I2S_SDI/CMP6/SPI_MOSI1/PB.6
PWM1B/CMP5/SPI_MISO1/PB.5
WAKEUP
I2S_SDO/CMP7/PB.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com