Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ISD9300
Description  ISD Cortex-M0 ChipCorder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD9300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISD9300 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ISD9300 Datasheet
Release Date: Oct 23, 2014
- 7 -
Revision V1.1
3
PART INFORMATION AND PIN CONFIGURATION
3.1
Pin Configuration
3.1.1
ISD9300 LQFP 64 pin
PB.15/PWM3
ISD9340
LQFP 64-pin
PB.8/I2S_FS/CMP8
PB.9/I2S_BCLK/CMP9
PB.7/I2S_SDO/CMP7
PB.6/I2S_SDI/CMP6/MOSI1
PB.4/PWM0B/CMP4/MOSI0
PB.2/I2C_SCL/CMP2/SCLK
PB.1/MCLK/CMP1/SSB1
PA.5/I2S_BCLK//SSB1
VDD33
PA.4/I2S_FS
PA.6/I2S_SDI/UART_TX
VCCLDO
PA.7/I2S_SDO
PB.14/PWM2/UART_TX/PWM3B
PA.0/MOSI0/MCLK
PB.5/PWM1B/CMP5/MISO1
1
2
3
4
5
6
7
8
9
10
11
12
48
47
46
45
44
43
42
41
40
39
38
37
PA.1/SCLK/I2C_SCL
PA.2/SSB0
PA.3/MISO0/I2C_SDA
WAKEUP
PB.11/I2S_SDO/CMP11
PB.10//CMP10
PB.3/I2C_SDA/CMP3/MISO0
PB.0/SSB1/CMP0/SSB0
VREG
NC
13
14
15
16
VCCD
NC
VSSD
36
35
34
33
PB.12/MISO1/PWM4/PWM5B
PB.13/MOSI1/PWM5/PWM4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com