Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N55P242 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N55P242
Description  8 ~ 24 I/O EXPANDER WITH 256-lEVEL PWM OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N55P242 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N55P242 Datasheet HTML 3Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 4Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 5Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 6Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 7Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 8Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 9Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 10Page - List of Unclassifed Manufacturers N55P242 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
N55Pxxx Data Sheet
Release Date: Mar. 2017
- 7 -
Version A2.1
5. Electrical Characteristics
5.1 Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rated Value
Unit
Power Supply
VDDVSS
-
-0.3 to +7.0
V
Input Voltage
VIN
All Inputs
VSS -0.3 to VDD +0.3
V
Storage Temp.
TSTG
-
-55 to +150
C
Operating Temp.
TOPR
-
0 to +70
C
Total Max. IO Current
IM
-
-200/200
mA
Note: Exposure to conditions beyond those listed under the Absolute Maximum Ratings table may adversely
affect the life and reliability of the device.
5.2 DC Characteristics
(VDD  VSS = 4.5V, TA = 25 C, No Load unless otherwise specified)
Parameter
Sym.
Conditions
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
2.0
-
5.5
V
Operating Current
IOP1
VDD=5.5V, CLK @8MHz
-
800
A
Standby Current (STOP)
IDD1
VDD=5.5V, CSB=VDD
-
-
1
A
Input Low Voltage
VIL
VDD=4.5V
VSS
-
0.3 VDD
V
Input High Voltage
VIH
VDD=4.5V
0.7
VDD
-
VDD
V
Input Pull-High Resistor
RPH
VDD=3.0V
360
450
540
K
Input Pull-Low Resistor
RPL
VDD=3.0V
360
450
540
K
Output Current
IOL
VDD = 3V, VOUT = 0.4V
8
-
-
mA
IOH
VDD = 3V, VOUT = 2.6V
-4
-
-
mA
Constant Output Low
Current
IOLC
VOUT= 1.0V, RJPx = 82K
VOUT= 1.0V, RJPx = 220K
14
7
20
10
26
13
mA
Constant Current Dev. by
Voltage Drop
I/I
VDD = 2.6~4.5V
RJPx = 82K
[I(4.5V)–I(2.6V)] / I(4.5V)
10
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com