Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N55S064 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N55S064
Description  64M-BIT Low Voltage, Serial MASK ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N55S064 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N55S064 Datasheet HTML 3Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 4Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 5Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 6Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 7Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 8Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 9Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 10Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
N55S064
7
REV. 1.1, MAR., 2010
Table 1. COMMAND DEFINITION
Command Set
1st byte Code
2nd byte
3rd byte
4th byte
5th byte
6th byte
RDID(read ID)
9Fh
M a n u f a c t u re r
ID
Memory
type
Memory
density ID
READ (read data)
03h
AD1
(A23-A16)
AD2
(A15-A8)
AD3
(A7-A0)
Data out
(D7-D0)
Note 1
Fast Read
0Bh
AD1
(A23-A16)
AD2
(A15-A8)
AD3
(A7-A0)
Dummy cycle
Data out
(D7-D0)
Notes:
1. n bytes are read out until CS# goes high.
2. It is not recommended to adopt any code not in the above command definition table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com