Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C94 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 35Page - SMSC Corporation LAN91C94 Datasheet HTML 36Page - SMSC Corporation LAN91C94 Datasheet HTML 37Page - SMSC Corporation LAN91C94 Datasheet HTML 38Page - SMSC Corporation LAN91C94 Datasheet HTML 39Page - SMSC Corporation LAN91C94 Datasheet HTML 40Page - SMSC Corporation LAN91C94 Datasheet HTML 41Page - SMSC Corporation LAN91C94 Datasheet HTML 42Page - SMSC Corporation LAN91C94 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
39
frame) or FORCOL in TCR was set to 1 by the
CPU. When detected the transmitter jams and
turns itself off clearing the TXENA bit in TCR.
Cleared by setting TXENA in TCR.
TX_DEFR - Transmit Deferred. When set,
carrier was detected during the first 6.4 usec of
the inter frame gap. Cleared at the end of every
packet sent.
LTX_BRD
-
Last
transmit
frame
was
a
broadcast. Set if frame was broadcast. Cleared
at the start of every transmit frame.
SQET
-
Signal
Quality
Error
Test.
The
transmitter opens a 1.6 us window 0.8 us after
transmission is completed and the receiver
returns
inactive.
During
this
window,
the
transmitter expects to see the SQET signal from
the transceiver. The absence of this signal is a
'Signal Quality Error' and is reported in this
status bit. Transmission stops and EPH INT is
set if STP_SQET is in the TCR is also set when
SQET is set. This bit is cleared by setting
TXENA high.
16COL - 16 collisions reached. Set when 16
collisions are detected for a transmit frame.
TXENA bit in TCR is reset. Cleared when
TXENA is set high.
LTX_MULT
-
Last
transmit
frame
was
a
multicast. Set if frame was a multicast.
Cleared at the start of every transmit frame.
MULCOL - Multiple collision detected for the last
transmit frame. Set when more than one
collision
was
experienced.
Cleared
when
TX_SUC is high at the end of the packet being
sent.
SNGLCOL - Single collision detected for the last
transmit frame. Set when a collision is detected.
Cleared when TX_SUC is high at the end of the
packet being sent.
TX_SUC - Last transmit was successful. Set if
transmit completes without a fatal error. This bit
is cleared by the start of a new frame
transmission or when TXENA is set high.
Fatal errors are:
16 collisions
SQET fail and STP_SQET = 1
FIFO Underrun
Carrier lost and MON_CSN = 1
Late collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com