Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N571P032 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # N571P032
Description  32-BIT VOICE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N571P032 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button N571P032 Datasheet HTML 5Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 6Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 7Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 8Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 9Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 10Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 11Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 12Page - List of Unclassifed Manufacturers N571P032 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
N571P032 Data Sheet
Release Date: January, 2015
Version 1.4
- 9 -
5. Typical Application Circuit
The followings are for general reference.
1.
Crystal is optional, it is for RTC timer or for the reference clock of internal PLL. XI_32K
and XO_32K are no connection for the application without crystal oscillator.
2.
PLL is optional, it works with crystal oscillation to support higher accuracy system clock.
PLLC is no connection for the application does not use PLL.
3.
Do not make VDDSPI spare, it has to connect to LDO33 (Voutx) or connect to VDDIO
based on application
’s request even if GPA0~4 (share with SPI interface) are spare.
4.
Bypass cap is must for LDO33 (Voutx) to support chip core power even if the
application does not use LDO33 to drive external device.
5.
Bypass cap is must for AVDD, the power output pad of internal 3V LDO specific for
ADC/PGC part, it can use a smaller cap if the application does not use ADC/PGC.
6.
For 2-battery (2*1.5V) and 3-battery (3*1.5V), the application circuits can be the same,
but connecting VDDSPI to VDDIO can gain higher voltage for 2-battery application with
SPI-Flash.
5.1 Playback
DI0
CLK0
/HOLD0
VDDSPI
VSSIOA
DO0
/CS0
/WP0
VOUTX or VDDIOA
+
47u
0.1u
SPI Flash
DO
2
GND
4
CLK
6
VCC
8
/CS
1
/WP
3
DI
5
/HOLD
7
0.1u
6.8K
4.7u
3300 p
0.1u
N571P032
GPA3/MISO0
VDDSPI
VDDIOA/VDDIO1
GPA12/ADC4
GPA13/ADC5
GPA14/MIC_BIAS
TEST
XI_32K (X32I)
VDDIOB/VDDIO2
GPB5/ICE_TDA
VDDSPK
VSSSPK
VPP
GPA1/SSB00
GPA4/MOSI0
VOUTX/LDO33
VSSIOA/VSSIO1
AVSS
GPA15/PGCVREF
AVDD
RSTB
XO_32K (X32O)
VSSIOB/VSSIO2
GPB4/ICE_TCK
SPKP
SPKN
VMID
GPA2/SPCK0
BATTERY
+
10u
1
2
32.768K
0.1u
0.1u
15p
15p
FB
FB
0.1u
1u (option)
VSS
GND
GND
GND
VSS
GND
GND
VCC
VCC
For PLL (option)
SPI Flash (option)
Crystal (option)
For RTC, PLL
OTP-WRITER Interface
Nu-Link ICE Interface
Speaker
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com