Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U2DN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # N32905U2DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N32905U2DN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  N32905U2DN Datasheet HTML 1Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 2Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 3Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 4Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 5Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 6Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 7Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 8Page - List of Unclassifed Manufacturers N32905U2DN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
3
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
N3290x
ARM926-based Media Processor
Table of Contents
1.
GENERAL DESCRIPTION ...................................................................................................................................5
1.1
Applications ..............................................................................................................................................5
2.
FEATURES...........................................................................................................................................................6
3.
PIN DIAGRAM ....................................................................................................................................................12
3.1
N32901U1DN (LQFP-128) .....................................................................................................................12
3.2
N32901U2DN (LQFP-128) .....................................................................................................................13
3.3
N32903U1DN (LQFP-128) .....................................................................................................................14
3.4
N32905U1DN (LQFP-128) .....................................................................................................................15
3.5
N32905U2DN (LQFP-128) .....................................................................................................................16
3.6
N32903R1DN (TQFP-64).......................................................................................................................17
3.7
N32901R1DN (LQFP-64) .......................................................................................................................18
4.
PIN DESCRIPTION ............................................................................................................................................19
4.1
Pin Description & Cross Reference........................................................................................................19
4.2
Pin Type Description ..............................................................................................................................28
5.
ELECTRICAL SPECIFICATION.........................................................................................................................29
5.1
Absolute Maximum Rating .....................................................................................................................29
5.2
DC Characteristics (Normal I/O) ............................................................................................................29
5.3
Audio DAC Characteristics.....................................................................................................................30
5.4
ADC Characteristics..................................................................................................................................31
5.5
AC Characteristics (Digital Interface) .........................................................................................................31
5.6
Power-on Sequence...............................................................................................................................40
5.7
Thermal characteristics of LQFP-128 Package .....................................................................................40
6.
ORDERING INFORMATION ..............................................................................................................................41
6.1
Part Number Definition ...........................................................................................................................41
6.2
Difference between N32901U1DN, N32903U1DN, N32905U1DN and N32905U2DN..........................41
7.
PACKAGE OUTLINE..........................................................................................................................................42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com