Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT24LC02A
Description  CMOS 2K 2-Wire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC02A_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02A_14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 1.10
2
January 16, 2014
HT24LC02A
Absolute Maximum Ratings
SupplyVoltage.........................VSS−0.3VtoVSS+6.0V
InputVoltage............................ VSS−0.3VtoVCC+0.3V
StorageTemperature...........................−50°Cto125°C
OperatingTemperature.........................−40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder″AbsoluteMaximumRatings″
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Ta=-40°C~+85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
—
-40°C to +85°C
1.8
—
5.5
V
ICC1
Operating Current
5V
Read at 400kHz
—
—
2
mA
ICC2
Operating Current
5V
Write at 400kHz
—
—
5
mA
VIL
Input Low Voltage
—
—
-0.45
—
0.3VCC
V
VIH
Input High Voltage
—
—
0.7VCC
—
VCC+0.5
V
VOL
Output Low Voltage
2.4V IOL=2.1mA
—
—
0.4
V
1.8V IOL=0.7mA
—
—
0.2
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
—
—
1
μA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
—
—
1
μA
ISTB
Standby Current
5V
VIN=0 or VCC
—
—
2
μA
SDA, SCL=VCC
WP=VSS
—
—
1
μA
1.8V
VIN=0 or VCC
—
—
2
μA
SDA, SCL=VCC
WP=VSS
—
—
1
μA
CIN
Input Capacitance (See Note)
—
f=1MHz, 25°C
—
—
6
pF
COUT
Output Capacitance (See Note)
—
f=1MHz, 25°C
—
—
8
pF
Note:Theseparametersareperiodicallysampledbutnot100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com