Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1824 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM1824
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM1824 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM1824 Datasheet HTML 15Page - Cirrus Logic WM1824 Datasheet HTML 16Page - Cirrus Logic WM1824 Datasheet HTML 17Page - Cirrus Logic WM1824 Datasheet HTML 18Page - Cirrus Logic WM1824 Datasheet HTML 19Page - Cirrus Logic WM1824 Datasheet HTML 20Page - Cirrus Logic WM1824 Datasheet HTML 21Page - Cirrus Logic WM1824 Datasheet HTML 22Page - Cirrus Logic WM1824 Datasheet HTML 23Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Production Data
WM1824
w
PD, Rev 4.1, December 2011
21
PACKAGE DIMENSIONS
FL: 24 PIN QFN PLASTIC PACKAGE 4 X 4 X 0.75 mm BODY, 0.50 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.2 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING .
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
A
6
1
13
18
24
19
D2
b
7
1
B
C
bbb M
A
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
C
A3
SEATING PLANE
DETAIL 1
A1
C
0.08
C
ccc
A
5
SIDE VIEW
EXPOSED
GROUND
PADDLE
6
E2
DETAIL 1
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.70
0.75
0.80
0.05
0.35
0
0.203 REF
b
D
D2
E
E2
e
L
0.30
0.20
4.00 BSC
2.6
2.50
2.4
0.50 BSC
0.35
0.40
0.45
1
2
2
4.00 BSC
2.6
2.50
2.4
0.1
aaa
bbb
ccc
REF:
0.1
0.1
JEDEC, MO-220
Tolerances of Form and Position
0.25
0.65
G
A3
G
b
Exposed lead
DM070.A
L
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com