Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8524 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8524 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8524 Datasheet HTML 7Page - Cirrus Logic WM8524 Datasheet HTML 8Page - Cirrus Logic WM8524 Datasheet HTML 9Page - Cirrus Logic WM8524 Datasheet HTML 10Page - Cirrus Logic WM8524 Datasheet HTML 11Page - Cirrus Logic WM8524 Datasheet HTML 12Page - Cirrus Logic WM8524 Datasheet HTML 13Page - Cirrus Logic WM8524 Datasheet HTML 14Page - Cirrus Logic WM8524 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Production Data
WM8524
w
PD, Rev 4.1, October 2011
11
Test Conditions
LINEVDD = AVDD = 3.3V AGND = LINEGND = 0V, TA = +25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Input Timing Information
VDD level to POR defined
(LINEVDD/AVDD rising)
Vpora
Measured from LINEGND
158
mV
VDD level to POR rising edge
(VMID rising)
Vpord_hi
Measured from LINEGND
0.63
0.8
1
V
VDD level to POR rising edge
(LINEVDD/AVDD rising)
Vpora_hi
Measured from LINEGND
1.44
1.8
2.18
V
VDD level to POR falling edge
(LINEVDD/AVDD falling)
Vpora_lo
Measured from LINEGND
0.96
1.46
1.97
V
Table 2 Power on Reset
Note:
All values are simulated results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com