Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8761 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8761
Description  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8761 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8761 Datasheet HTML 9Page - Cirrus Logic WM8761 Datasheet HTML 10Page - Cirrus Logic WM8761 Datasheet HTML 11Page - Cirrus Logic WM8761 Datasheet HTML 12Page - Cirrus Logic WM8761 Datasheet HTML 13Page - Cirrus Logic WM8761 Datasheet HTML 14Page - Cirrus Logic WM8761 Datasheet HTML 15Page - Cirrus Logic WM8761 Datasheet HTML 16Page - Cirrus Logic WM8761 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
WM8761
Production Data
w
PD, Rev 4.6, October 2011
13
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
Figure 6 I
2S Mode Timing Diagram
RIGHT JUSTIFIED MODE
The WM8761 supports word lengths of 24-bits in right justified mode.
In right justified mode, the digital audio interface receives data on the DIN input. Audio Data is time
multiplexed with LRCIN indicating whether the left or right channel is present. LRCIN is also used
as a timing reference to indicate the beginning or end of the data words.
In right justified mode, the minimum number of BCKINs per LRCIN period is 2 times the selected
word length. LRCIN must be high for a minimum of word length BCKINs and low for a minimum of
word length BCKINs. Any mark to space ratio on LRCIN is acceptable provided the above
requirements are met.
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
24
3
2
1
22
23
LSB
MSB
24
3
2
1
22
23
LSB
MSB
Figure 7 Right Justified Mode Timing Diagram
DSP MODE
A DSP compatible, time division multiplexed format is also supported by the WM8761. This format
is of the type where a ‘synch’ pulse is followed by two data words (left and right) of predetermined
word length. (16-bits). The ‘synch’ pulse replaces the normal duration LRCIN, and DSP mode is
auto-detected by the shorter than normal duration of the LRCIN. If LRCIN is of 4 BCKIN or less
duration, the DSP compatible format is selected. Early and Late clock formats are supported,
selected by the state of the FORMAT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com