Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8918 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 17Page - Cirrus Logic WM8918 Datasheet HTML 18Page - Cirrus Logic WM8918 Datasheet HTML 19Page - Cirrus Logic WM8918 Datasheet HTML 20Page - Cirrus Logic WM8918 Datasheet HTML 21Page - Cirrus Logic WM8918 Datasheet HTML 22Page - Cirrus Logic WM8918 Datasheet HTML 23Page - Cirrus Logic WM8918 Datasheet HTML 24Page - Cirrus Logic WM8918 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
21
TDM MODE
In TDM mode, it is important that two devices do not attempt to drive the AIFTXDAT pin
simultaneously. The timing of the WM8918 AIFTXDAT tri-stating at the start and end of the data
transmission is described below.
BCLK
AIFTXDAT
AIFTXDAT set-up time
AIFTXDAT release time
AIFTXDAT undriven (tri-state)
AIFTXDAT valid (DMIC output)
AIFTXDAT valid
AIFTXDAT undriven (tri-state)
Figure 4 Audio Interface Timing - TDM Mode
Test Conditions
AVDD = CPVDD = 1.8V , DGND=AGND=CPGND= =0V, TA = +25
oC, Master Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless
otherwise stated.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Timing Information
AIFTXDAT setup time from BCLK falling edge
DCVDD =2.0V
DBVDD =
3.6V
5
ns
DCVDD =
1.08V DBVDD
= 1.62V
15
ns
AIFTXDAT release time from BCLK falling edge
DCVDD =
2.0V DBVDD
= 3.6V
5
ns
DCVDD =
1.08V DBVDD
= 1.62V
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com