Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72425 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 72425
Description  N-Channel 150-V (D-S) 175째C MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72425 Datasheet(HTML) 1 Page - Vishay Siliconix

  72425 Datasheet HTML 1Page - Vishay Siliconix 72425 Datasheet HTML 2Page - Vishay Siliconix 72425 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPICE Device Model SUP80N15-20L
Vishay Siliconix
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
Document Number: 72425
www.vishay.com
12-Jun-04
1
N-Channel 150-V (D-S) 175°C MOSFET
CHARACTERISTICS
• N- and P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0 to 10V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to
model the gate charge characteristics while avoiding convergence
difficulties of the switched Cgd model. All model parameter values
are optimized to provide a best fit to the measured electrical data
and are not intended as an exact physical interpretation of the
device.
SUBCIRCUIT MODEL SCHEMATIC


Similar Part No. - 72425

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7242 KEYSTONE-7242 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
7242-5 KEYSTONE-7242-5 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Wixroyd Group Ltd
72420 WIXROYD-72420 Datasheet
210Kb / 1P
Knurled Knobs
72420.W0154 WIXROYD-72420.W0154 Datasheet
210Kb / 1P
Knurled Knobs
72420.W0155 WIXROYD-72420.W0155 Datasheet
210Kb / 1P
Knurled Knobs
More results

Similar Description - 72425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4559EY VISHAY-SI4559EY Datasheet
84Kb / 6P
N-Channel 60-V (D-S), 175°C MOSFET
24-Feb-98
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
N-Channel 150-V (D-S) MOSFET
26-May-03
SUM110N08-07L VISHAY-SUM110N08-07L Datasheet
182Kb / 3P
N-Channel 75-V (D-S), 175째C MOSFET
09-Jun-04
SUM40N02 VISHAY-SUM40N02 Datasheet
175Kb / 3P
N-Channel 20-V (D-S), 175째C MOSFET
08-Jun-04
logo
Vaishali Semiconductor
SUM110N03-04P VAISH-SUM110N03-04P Datasheet
176Kb / 3P
N-Channel 30-V (D-S) 175째C MOSFET
logo
Vishay Siliconix
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
N-Channel 150-V (D-S) MOSFET
20-Feb-06
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
N-Channel 150-V (D-S) MOSFET
06-Apr-09
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
N-Channel 150 V (D-S) MOSFET
23-May-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com