Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1117CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GS1117CT
Description  800mA Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CT Datasheet(HTML) 2 Page - Vishay Siliconix

  GS1117CT Datasheet HTML 1Page - Vishay Siliconix GS1117CT Datasheet HTML 2Page - Vishay Siliconix GS1117CT Datasheet HTML 3Page - Vishay Siliconix GS1117CT Datasheet HTML 4Page - Vishay Siliconix GS1117CT Datasheet HTML 5Page - Vishay Siliconix GS1117CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 74802
2
20-Feb-02
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Vin Pin to ADJ/GND Pin
Vin
7
V
Thermal Resistance – Junction to Case
TO-220AB
3.0
TO-252
R
θJC
8.0
°C/W
TO-263AB
3.0
SOT-223
15.0
Operating Junction Temperature Range
TJ
0 to +125
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Electrical Characteristics(1) TJ = 25°C(2), VIN = 5V, Io = 10mA unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ = 25°C
1.238
1.250
1.262
V
0°C
≤ TJ ≤ 125°C
1.225
1.250
1.275
V
Reference Voltage
VREF
2.65V
≤ VIN ≤ 7V
10mA
≤ Io ≤ 800mA
GS1117-2.5, VIN = 5V
2.48
2.5
2.53
V
GS1117-2.85, VIN = 5V
2.82
2.85
2.88
V
GS1117-3.3, VIN = 5V
3.26
3.30
3.33
V
Output Voltage
VOUT
GS1117-5, VIN = 7V
4.95
5.00
5.05
V
GS1117
0.98VN
VN
1.02VN
V
0°C
≤ TJ ≤ 125°C
2.65V
≤ VIN ≤ 7V
10mA
≤ Io ≤ 800mA
2.65V
≤ VIN ≤ 7V
Line Regulation
REGline
TJ = 25°C
0.015
0.2
% VO
0°C
≤ TJ ≤ 125°C
0.02
0.2
% VO
10mA
≤ Io ≤ 800mA
Load Regulation
REGload
TJ = 25°C
0.1
0.3
% VO
0°C
≤ TJ ≤ 125°C
0.2
0.4
% VO
0°C
≤ TJ ≤ 125°C
Io = 800mA
1.2
1.4
V
Dropout Voltage
VDROP
Io = 500mA
1.19
1.35
V
Io = 100mA
1.15
1.30
V
Notes:
(1) All parameters, except nominal output voltage are specified for the variable voltage version, allowing a wider Vin Range.
The specified limits also apply for the fixed voltage versions over the allowable input voltage range: GS1117-2.5 (3.9V -7.0V), GS1117-2.85 (4.25V - 7.0V),
GS1117 - 3.3 (4.75V - 7.0V), GS1117-5 (6.4V - 7.0V).
(2) To maintain the specified junction temperatures, low duty cycle pulse testing is required for most parameters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com