Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1038 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1038
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1038 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC1038 Datasheet HTML 8Page - National Semiconductor (TI) ADC1038 Datasheet HTML 9Page - National Semiconductor (TI) ADC1038 Datasheet HTML 10Page - National Semiconductor (TI) ADC1038 Datasheet HTML 11Page - National Semiconductor (TI) ADC1038 Datasheet HTML 12Page - National Semiconductor (TI) ADC1038 Datasheet HTML 13Page - National Semiconductor (TI) ADC1038 Datasheet HTML 14Page - National Semiconductor (TI) ADC1038 Datasheet HTML 15Page - National Semiconductor (TI) ADC1038 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
30 Analog Considerations (Continued)
External Reference 25V Full Scale
TLH10556 – 20
Power Supply as Reference
TLH10556 – 21
Input Not Referred to GND
TLH10556 – 22
Current path must still exist from VIN(b) to
ground
FIGURE 3 Analog Input Options
33 REFERENCE AND INPUT
The two VREF inputs of the ADC103148 are fully differen-
tial and define the zero to full-scale input range of the A to D
converter This allows the designer to easily vary the span
of the analog input since this range will be equivalent to the
voltage difference between VREFa and VREFb By reduc-
ing VREF (VREF e VREFab VREFb) to less than 5V the
sensitivity of the converter can be increased (ie if VREF e
2V then 1 LSB e 195 mV) The inputreference arrange-
ment also facilitates ratiometric operation and in many
cases the chip power supply can be used for transducer
power as well as the VREF source
This reference flexibility lets the input span not only be var-
ied but also offset from zero The voltage at VREFb sets the
input level which produces a digital output of all zeros
Though VIN is not itself differential the reference design
allows nearly differential-input capability for many measure-
ment applications
Figure 3 shows some of the configura-
tions that are possible
The ADC1031 has no VREFb pin VREFb is internally tied to
GND
Power Supply Bypassing
TLH10556 – 23
TLH10556 – 24
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com