Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-10MH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-10MH
Description  Frequency Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-10MH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-10MH Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
ISO 9001 CERTIFIED
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
ADE-10MH
Typical Performance Data
Typical Performance Data
Typical Performance Data
Typical Performance Data
Typical Performance Data
REV. OR
M76529
ED-8276/2
ADE-10MH
WL/TD/CP
010426
Features
Features
Features
Features
Features
• low conversion loss, 7.0 dB typ.
• excellent L-R isolation, 34 dB typ.
• excellent L-I isolation, 29 dB typ.
• high IP3, 26 dBm typ.
• excellent match on all ports
• solder plated leads for excellent solderability
Outline Drawing
Outline Drawing
Outline Drawing
Outline Drawing
Outline Drawing
RF
RF
RF
RF
RF
MHz
MHz
MHz
MHz
MHz
LO
LO
LO
LO
LO
MHz
MHz
MHz
MHz
MHz
Conversion Loss
Conversion Loss
Conversion Loss
Conversion Loss
Conversion Loss
(dB)
(dB)
(dB)
(dB)
(dB)
LO
LO
LO
LO
LO
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
Isolation L-R
Isolation L-R
Isolation L-R
Isolation L-R
Isolation L-R
(dB)
(dB)
(dB)
(dB)
(dB)
LO
LO
LO
LO
LO
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
LO
LO
LO
LO
LO
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
Isolation L-I
Isolation L-I
Isolation L-I
Isolation L-I
Isolation L-I
(dB)
(dB)
(dB)
(dB)
(dB)
VSWR RF port
VSWR RF port
VSWR RF port
VSWR RF port
VSWR RF port
(:1)
(:1)
(:1)
(:1)
(:1)
VSWR LO port
VSWR LO port
VSWR LO port
VSWR LO port
VSWR LO port
(:1)
(:1)
(:1)
(:1)
(:1)
LO
LO
LO
LO
LO
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
LO
LO
LO
LO
LO
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
F
F
F
F
Frequenc
requenc
requenc
requenc
requency Mix
y Mix
y Mix
y Mix
y Mixer
er
er
er
er
Level 13 (LO Power +13 dBm)
800 to 1000 MHz
Surface Mount
A
B
CDE
F
G
H
.280
.310
.220
.100
.162
055
.100
.030
7.11
7.87
5.58
2.54
4.11
1.40
2.54
0.76
J
K
L
wt.
––
.065
.300
grams
––
1.65
7.62
.45
Outline Dimensions (
)
inch
inch
inch
inch
inch
mm
mm
mm
mm
mm
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Pin Configuration
Pin Configuration
Pin Configuration
Pin Configuration
Pin Configuration
LO
6
RF
3
IF
2
GROUND
1,4,5
Applications
Applications
Applications
Applications
Applications
• GSM
EVALUATION BOARD P/N: TB-03
Frequency
Frequency
Frequency
Frequency
Frequency
CASE STYLE: CD636
PRICE: $6.95ea.
QTY.: (10-49)
NEW!
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
LO-RF ISOLATION
LO-RF ISOLATION
LO-RF ISOLATION
LO-RF ISOLATION
LO-RF ISOLATION
(dB)
(dB)
(dB)
(dB)
(dB)
LO-IF ISOLATION
O-IF ISOLATION
O-IF ISOLATION
O-IF ISOLATION
O-IF ISOLATION
(dB)
(dB)
(dB)
(dB)
(dB)
Total
Total
Total
Total
Total
Range
Range
Range
Range
Range
Max.
Max.
Max.
Max.
Max.
CONVERSION LOSS
CONVERSION LOSS
CONVERSION LOSS
CONVERSION LOSS
CONVERSION LOSS
(dB)
(dB)
(dB)
(dB)
(dB)
Max.
Max.
Max.
Max.
Max.
Mid-Band
Mid-Band
Mid-Band
Mid-Band
Mid-Band
m
m
m
m
m
_
_
_
_
_
x
x
x
x
x
FREQUENCY
FREQUENCY
FREQUENCY
FREQUENCY
FREQUENCY
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
IF
LO/RF
LO/RF
LO/RF
LO/RF
LO/RF
fffff
L
L
L
L
L- f
- f
- f
- f
- f
U
U
U
U
U
L
L
L
L
L
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
σσσσσ
IP3@
IP3@
IP3@
IP3@
IP3@
center
center
center
center
center
band
band
band
band
band
Typ.
Typ.
Typ.
Typ.
Typ.
(dBm)
(dBm)
(dBm)
(dBm)
(dBm)
M
M
M
M
M
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
U
U
U
U
U
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
800-1000
10-200
7.0
0.2
—
8.5
—
—
34 20
— —
—
—
29
20
—
—
26
1.3
1dB Compr.: +5 dBm typ.
E= [IP3(dBm)-LO Power(dBm)]/10
E
E
E
E
E
FACTOR
FACTOR
FACTOR
FACTOR
FACTOR
L
L
L
L
L
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
M
M
M
M
M
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
U
U
U
U
U
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
800.00
830.00
6.96
37.49
27.09
1.29
1.66
810.00
840.00
6.94
37.54
27.08
1.30
1.68
820.00
850.00
6.91
37.55
27.04
1.31
1.70
830.00
860.00
6.91
37.57
27.06
1.31
1.71
840.00
870.00
6.85
37.58
27.07
1.31
1.71
850.00
880.00
6.87
37.54
27.04
1.31
1.72
860.00
890.00
6.90
37.55
27.10
1.30
1.71
880.00
910.00
6.77
37.54
27.17
1.29
1.74
890.00
920.00
6.83
37.52
27.26
1.29
1.75
900.00
930.00
6.95
37.49
27.34
1.29
1.76
910.00
940.00
6.99
37.42
27.37
1.30
1.77
920.00
950.00
6.88
37.30
27.41
1.30
1.78
930.00
960.00
6.78
37.22
27.44
1.30
1.77
940.00
970.00
6.79
37.06
27.45
1.29
1.77
950.00
980.00
6.84
36.95
27.47
1.29
1.77
960.00
990.00
6.87
36.90
27.53
1.28
1.79
970.00
1000.00
6.90
36.76
27.54
1.28
1.81
980.00
1010.00
6.90
36.67
27.61
1.28
1.82
990.00
1020.00
6.87
36.58
27.65
1.28
1.82
1000.00
1030.00
6.80
36.50
27.72
1.29
1.82
ADE-10MH
CONVERSION LOSS
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
7.3
7.4
7.5
7.6
800
820
840
860
880
900
920
940
960
980
1000
FREQUENCY (MHz)
LO +10 dBm
LO +13 dBm
LO +16 dBm
at IF Freq. of 30 MHz
ADE-10MH
VSWR
1.00
1.20
1.40
1.60
1.80
2.00
800
820
840
860
880
900
920
940
960
980
1000
FREQUENCY (MHz)
#LO VSWR
#RF VSWR
at LO DRIVE of +13 dBm
ADE-10MH
ISOLATION L-R
36.0
36.5
37.0
37.5
38.0
38.5
39.0
39.5
800
820
840
860
880
900
920
940
960
980
1000
FREQUENCY (MHz)
LO +10 dBm
LO +13 dBm
LO +16 dBm
at LO DRIVE of +10/+13/+16 dBm


Similar Part No. - ADE-10MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-10MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
ZMX-7GHR MINI-ZMX-7GHR Datasheet
309Kb / 2P
Frequency Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com