Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS944 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS944
Description  14-Bit, 5MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS944 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS944 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADS-944
2
®
®
PARAMETERS
LIMITS
UNITS
+15V Supply (Pins 12)
0 to +16
Volts
–15V Supply (Pin 13)
0 to –16
Volts
+5V Supply (Pins 1, 10)
0 to +6
Volts
–5V Supply (Pin 2, 14)
0 to –6
Volts
Digital Input (Pin 8, 9, 32)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 3)
–5 to +5
Volts
Lead Temperature (10 seconds)
+300
°C
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-944MC
0
—
+70
°C
ADS-944MM/883
–55
—
+125
°C
Thermal Impedance
θjc
—
7
—
°C/Watt
θca
—
21
—
°C/Watt
Storage Temperature Range
–65
—
+150
°C
Package Type
32-pin, metal-sealed, ceramic TDIP or SMT
Weight
0.46 ounces (13 grams)
ABSOLUTE MAXIMUM RATINGS
PHYSICAL/ENVIRONMENTAL
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V, +VDD = +5V,Vdd = –5.2V, 5MHz sampling rate, and a minimum 3 minute warmup Œ unless otherwise specified.)
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
—
±1.25
—
—
±1.25
—
—
±1.25
—
Volts
Input Resistance
500
550
—
500
550
—
500
550
—
Ω
Input Capacitance
—
6
15
—
6
15
—
6
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
—
—
+2.0
—
—
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
—
—
+0.8
—
—
+0.8
Volts
Logic Loading "1"
—
—
+20
—
—
+20
—
—
+20
µA
Logic Loading "0" 
—
—
–20
—
—
–20
—
—
–20
µA
Start Convert Positive Pulse Width Ž
40
80
—
40
80
—
40
80
—
ns
STATIC PERFORMANCE
Resolution
—
14
—
—
14
—
—
14
—
Bits
Integral Nonlinearity (fin = 10kHz)
—
±0.75
—
—
±0.75
—
—
±1.0
—
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1.2
–0.95
±0.5
+1.2
–0.95
±0.5
+1.5
LSB
Full Scale Absolute Accuracy
—
±0.15
±0.4
—
±0.15
±0.4
—
±0.4
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
—
±0.1
±0.3
—
±0.1
±0.3
—
±0.3
±0.6
%FSR
Bipolar Offset Error (Tech Note 2)
—
±0.2
±0.4
—
±0.2
±0.4
—
±0.3
±0.9
%FSR
Gain Error (Tech Note 2)
—
±0.2
±0.4
—
±0.2
±0.4
—
±0.4
±1.5
%
No Missing Codes (fin = 10kHz)
14
—
—
14
—
—
14
—
—
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 100kHz
—
–85
–77
—
–85
–75
—
–81
–71
dB
100kHz to 1MHz
—
–78
–71
—
–78
–70
—
–75
–67
dB
1MHz to 2.5MHz
—
–75
–70
—
–75
–68
—
–71
–61
dB
Total Harmonic Distortion (–0.5dB)
dc to 100kHz
—
–82
–76
—
–82
–74
—
–78
–70
dB
100kHz to 1MHz
—
–77
–70
—
–77
–70
—
–73
–65
dB
1MHz to 2.5MHz
—
–73
–68
—
–73
–65
—
–70
–60
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 100kHz
73
76
—
73
76
—
71
75
—
dB
100kHz to 1MHz
73
76
—
73
76
—
71
75
—
dB
1MHz to 2.5MHz
73
75
—
73
75
—
71
75
—
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 100kHz
71
75
—
71
75
—
68
73
—
dB
100kHz to 1MHz
70
73
—
69
73
—
65
71
—
dB
1MHz to 2.5MHz
68
71
—
66
71
—
62
69
—
dB
Noise
—
135
—
—
135
—
—
135
—
µVrms
Two-tone Intermodulation
Distortion (fin = 2.45MHz,
1.975MHz, fs = 5MHz, –0.5dB)
—
–82
—
—
–82
—
—
–82
—
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
—
20
—
—
20
—
—
20
—
MHz
Large Signal (–0.5dB input)
—
13
—
—
13
—
—
13
—
MHz
Feedthrough Rejection (fin = 2.5MHz)
—
90
—
—
90
—
—
90
—
dB
Slew Rate
—
±110
—
—
±110
—
—
±110
—
V/µs
Aperture Delay Time
—
+10
—
—
+10
—
—
+10
—
ns
Aperture Uncertainty
—
3
—
—
3
—
—
3
—
ps rms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com