Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS950 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADS950
Description  18-Bit, 500kHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS950 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADS950 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADS-950
3
®®
+25°C
0 to +70°C
–55 to +125°C
ANALOG OUTPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Internal Reference
Voltage
+4.95
+5.0
+5.05
+4.95
+5.0
+5.05
+4.95
+5.0
+5.05
Volts
Drift
—
±30
—
—
±30
—
—
±30
—
ppm/°C
External Current
—1
—
—
1
—
—
1
—
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
—
—
+2.4
—
—
+2.4
—
—
Volts
Logic "0"
—
—
+0.4
—
—
+0.4
—
—
+0.4
Volts
Logic Loading "1"
—
—
–4
—
—
–4
—
—
–4
mA
Logic Loading "0"
—
—
+4
—
—
+4
—
—
+4
mA
Output Coding
Complementary Offset Binary
POWER REQUIREMENTS
Power Supply Ranges
+15V Supply
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
–5V Supply
–4.75
–5.0
–5.25
–4.75
–5.0
–5.25
–4.75
–5.0
–5.25
Volts
Power Supply Currents
+15V Supply
—
+29
—
—
+29
—
—
+29
—
mA
–15V Supply
—
–15
—
—
–15
—
—
–15
—
mA
+5V Supply
—
+104
—
—
+104
—
—
+104
—
mA
–5V Supply
—
–54
—
—
–54
—
—
–54
—
mA
Power Dissipation
—
1.45
1.65
—
1.45
1.65
—
1.45
1.65
Watts
Power Supply Rejection
—
—
±0.05
—
—
±0.05
—
—
±0.05
%FSR/%V
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of 0 to
+70°C and –55 to +125°C. All room-temperature (TA = +25°C)
production testing is performed without the use of heat sinks or
forced-air cooling. Thermal impedance figures for each device
are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should be
used to ensure devices do not overheat. The ground and power
planes beneath the package, as well as all pcb signal runs to
and from the device, should be as heavy as possible to help
conduct heat away from the package. Electrically-insulating,
thermally-conductive "pads" may be installed underneath the
package. Devices should be soldered to boards rather than
"socketed", and of course, minimal air flow over the surface can
greatly help reduce the package temperature.
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-950
requires careful attention to pc-card layout and power
supply decoupling. The device's analog and digital ground
systems are not connected to each other internally. For
optimal performance, tie all ground pins (3, 12 and 13)
directly to a large analog ground plane beneath the
package.
Bypass all power supplies and the +5V REFERENCE
OUTPUT (pin 5) to ground with 10µF tantalum capacitors in
parallel with 0.1µF ceramic capacitors. Locate the bypass
capacitors as close to the unit as possible. Tie a 47µF
capacitor between COMPENSATION (pin 7) and ground.
2. The ADS-950 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial errors can be reduced to zero using the adjustment
circuitry shown in Figure 2. When using this circuitry, or any
similar offset and gain calibration hardware, make adjust-
ments following warmup. To avoid interaction, always adjust
offset before gain. Float pin 6 if not using gain adjust
circuits.
Footnotes:
➄ This is the time required before the A/D output data is valid once the analog input
is back within the specified range.
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
➀ All power supplies must be on before applying a start convert pulse. All
supplies and the clock (START CONVERT) must be present during warmup
periods. The device must be continuously converting during this time.
➁ Contact DATEL for other input voltage ranges.
➂ A 500kHz clock with a 1µsec positive pulse width (50% duty cycle) is
used for all production testing. Any duty cycle may be used as long as a
minimum positive pulse width of 20nsec is maintained. For applications
requiring lower sampling rates, clock frequencies lower than 1MHz
may be used.
➃ Effective bits is equal to:
3. Applying a start convert pulse while a conversion is in
progress (EOC = logic "1") will initiate a new and probably
inaccurate conversion cycle. Data for the interrupted and
subsequent conversions will be invalid.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com