Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7236 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM7236
Description  Low Power Bottom Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7236 Datasheet(HTML) 3 Page - Cirrus Logic

  WM7236 Datasheet HTML 1Page - Cirrus Logic WM7236 Datasheet HTML 2Page - Cirrus Logic WM7236 Datasheet HTML 3Page - Cirrus Logic WM7236 Datasheet HTML 4Page - Cirrus Logic WM7236 Datasheet HTML 5Page - Cirrus Logic WM7236 Datasheet HTML 6Page - Cirrus Logic WM7236 Datasheet HTML 7Page - Cirrus Logic WM7236 Datasheet HTML 8Page - Cirrus Logic WM7236 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
WM7236E
Rev 4.0
3
PIN CONFIGURATION
4
2
5
1
3
TOP VIEW
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
CLK
Digital Input
Clock input
2
LRSEL
Digital Input
Channel select
0 = Data output following falling CLK edge
1 = Data output following rising CLK edge
Internal pull-down holds this pin at logic 0 when not connected
3
GND
Supply
Ground
4
VDD
Supply
Power supply
5
DAT
Digital Output
PDM data output
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM7236IMSE/RV
-40 to +100°C
LGA
(tape and reel)
MSL2A
+260°C
Note:
Reel quantity = 4800
All devices are Pb-free and Halogen free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com